Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 404 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 404 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 400Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 401Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 402Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 403Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 404Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 405Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 406Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 407Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 408Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 483 page
background image
Peripherals
In Timer mode, the TIMER's internal Counter register is incremented by one for every tick of the timer
frequency fTIMER as illustrated in Block schematic for timer/counter on page 403. The timer frequency is
derived from PCLK16M as shown below, using the values specified in the PRESCALER register:
fTIMER = 16 MHz / (2PRESCALER)
When fTIMER <= 1 MHz the TIMER will use PCLK1M instead of PCLK16M for reduced power consumption.
In counter mode, the TIMER's internal Counter register is incremented by one each time the COUNT task
is triggered, that is, the timer frequency and the prescaler are not utilized in counter mode. Similarly, the
COUNT task has no effect in Timer mode.
The TIMER's maximum value is configured by changing the bit-width of the timer in the BITMODE on
page 408 register.
PRESCALER on page 409 and the BITMODE on page 408 must only be updated when the timer is
stopped. If these registers are updated while the TIMER is started then this may result in unpredictable
behavior.
When the timer is incremented beyond its maximum value the Counter register will overflow and the
TIMER will automatically start over from zero.
The Counter register can be cleared, that is, its internal value set to zero explicitly, by triggering the CLEAR
task.
The TIMER implements multiple capture/compare registers.
Independent of prescaler setting the accuracy of the TIMER is equivalent to one tick of the timer
frequency fTIMER as illustrated in Block schematic for timer/counter on page 403.
6.22.1 Capture
The TIMER implements one capture task for every available capture/compare register.
Every time the CAPTURE[n] task is triggered, the Counter value is copied to the CC[n] register.
6.22.2 Compare
The TIMER implements one COMPARE event for every available capture/compare register.
A COMPARE event is generated when the Counter is incremented and then becomes equal to the
value specified in one of the capture compare registers. When the Counter value becomes equal to the
value specified in a capture compare register CC[n], the corresponding compare event COMPARE[n] is
generated.
BITMODE on page 408 specifies how many bits of the Counter register and the capture/compare
register that are used when the comparison is performed. Other bits will be ignored.
6.22.3 Task delays
After the TIMER is started, the CLEAR task, COUNT task and the STOP task will guarantee to take effect
within one clock cycle of the PCLK16M.
6.22.4 Task priority
If the START task and the STOP task are triggered at the same time, that is, within the same period of
PCLK16M, the STOP task will be prioritized.
4430_161 v1.0
404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com