| Electronic Components Datasheet Search |
|
NRF52810-QFAA-R Datasheet(PDF) 50 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R Datasheet(HTML) 50 Page - Nordic Semiconductor |
|
50 / 483 page ![]() Core components buffer[0] buffer[1] 0x20000000 : ReaderList[0] 0x20000004 : ReaderList[1] 0x20000008 : ReaderList[2] buffer[2] buffer[3] READER.PTR = &ReaderList buffer[0] buffer[1] buffer[2] buffer[3] buffer[0] buffer[1] buffer[2] buffer[3] Figure 6: EasyDMA array list 4.7 AHB multilayer AHB multilayer enables parallel access paths between multiple masters and slaves in a system. Access is resolved using priorities. Each bus master is connected to the slave devices using an interconnection matrix. The bus masters are assigned priorities. Priorities are used to resolve access when two (or more) bus masters request access to the same slave device. The following applies: • If two (or more) bus masters request access to the same slave device, the master with the highest priority is granted the access first. • Bus masters with lower priority are stalled until the higher priority master has completed its transaction. • If the higher priority master pauses at any point during its transaction, the lower priority master in queue is temporarily granted access to the slave device until the higher priority master resumes its activity. • Bus masters that have the same priority are mutually exclusive, thus cannot be used concurrently. Below is a list of bus masters in the system and their priorities. Bus master name Description CPU SPIM0/SPIS0 Same priority and mutually exclusive RADIO CCM/ECB/AAR Same priority and mutually exclusive SAADC UARTE0 TWIM0/TWIS0 Same priority and mutually exclusive PDM PWM Table 11: AHB bus masters (listed in priority order, highest to lowest) Defined bus masters are the CPU and the peripherals with implemented EasyDMA, and the available slaves are RAM AHB slaves. How the bus masters and slaves are connected using the interconnection matrix is illustrated in Memory on page 15. 4.8 Debug The debug system offers a flexible and powerful mechanism for non-intrusive debugging. 4430_161 v1.0 50 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |