| Electronic Components Datasheet Search |
|
NRF52810-QFAA-R Datasheet(PDF) 440 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QFAA-R Datasheet(HTML) 440 Page - Nordic Semiconductor |
|
440 / 483 page ![]() Peripherals • Least significant bit (LSB) first TXD (signal) PSELCTS PSELTXD PSELRTS PSELRXD RXD (signal) STARTRX STOPRX RXTO STARTTX STOPTX EasyDMA EasyDMA RAM RXD+2 RXD+n RXD+1 RXD TXD+2 TXD+n TXD+1 TXD RXD.PTR TXD.PTR ENDRX SUSPEND RESUME CTS NCTS ENDTX RX FIFO Figure 121: UARTE configuration The GPIOs used for each UART interface can be chosen from any GPIO on the device and are independently configurable. This enables great flexibility in device pinout and efficient use of board space and signal routing. 6.25.1 EasyDMA The UARTE implements EasyDMA for reading and writing to and from the RAM. If the TXD.PTR and the RXD.PTR are not pointing to the Data RAM region, an EasyDMA transfer may result in a HardFault or RAM corruption. See Memory on page 15 for more information about the different memory regions. The .PTR and .MAXCNT registers are double-buffered. They can be updated and prepared for the next RX/ TX transmission immediately after having received the RXSTARTED/TXSTARTED event. The ENDRX/ENDTX event indicates that EasyDMA has finished accessing respectively the RX/TX buffer in RAM. 6.25.2 Transmission The first step of a DMA transmission is storing bytes in the transmit buffer and configuring EasyDMA. This is achieved by writing the initial address pointer to TXD.PTR, and the number of bytes in the RAM buffer to TXD.MAXCNT. The UARTE transmission is started by triggering the STARTTX task. After each byte has been sent over the TXD line, a TXDRDY event will be generated. When all bytes in the TXD buffer, as specified in the TXD.MAXCNT register, have been transmitted, the UARTE transmission will end automatically and an ENDTX event will be generated. A UARTE transmission sequence is stopped by triggering the STOPTX task, a TXSTOPPED event will be generated when the UARTE transmitter has stopped. If the ENDTX event has not already been generated when the UARTE transmitter has come to a stop, the UARTE will generate the ENDTX event explicitly even though all bytes in the TXD buffer, as specified in the TXD.MAXCNT register, have not been transmitted. If flow control is enabled through the HWFC field in the CONFIG register, a transmission will be automatically suspended when CTS is deactivated and resumed when CTS is activated again, as illustrated in UARTE transmission on page 441. A byte that is in transmission when CTS is deactivated will be fully transmitted before the transmission is suspended. 4430_161 v1.0 440 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |