Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 445 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 445 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 441Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 442Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 443Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 444Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 445Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 446Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 447Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 448Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 449Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 483 page
background image
Peripherals
Register
Offset
Description
ERRORSRC
0x480
Error source
Note : this register is read / write one to clear.
ENABLE
0x500
Enable UART
PSEL.RTS
0x508
Pin select for RTS signal
PSEL.TXD
0x50C
Pin select for TXD signal
PSEL.CTS
0x510
Pin select for CTS signal
PSEL.RXD
0x514
Pin select for RXD signal
BAUDRATE
0x524
Baud rate. Accuracy depends on the HFCLK source selected.
RXD.PTR
0x534
Data pointer
RXD.MAXCNT
0x538
Maximum number of bytes in receive buffer
RXD.AMOUNT
0x53C
Number of bytes transferred in the last transaction
TXD.PTR
0x544
Data pointer
TXD.MAXCNT
0x548
Maximum number of bytes in transmit buffer
TXD.AMOUNT
0x54C
Number of bytes transferred in the last transaction
CONFIG
0x56C
Configuration of parity and hardware flow control
Table 95: Register Overview
6.25.9.1 SHORTS
Address offset: 0x200
Shortcut register
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
D C
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
C
RW ENDRX_STARTRX
Shortcut between ENDRX event and STARTRX task
See EVENTS_ENDRX and TASKS_STARTRX
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
D
RW ENDRX_STOPRX
Shortcut between ENDRX event and STOPRX task
See EVENTS_ENDRX and TASKS_STOPRX
Disabled
0
Disable shortcut
Enabled
1
Enable shortcut
6.25.9.2 INTEN
Address offset: 0x300
Enable or disable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
L
J I
H
G F E
D
C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW CTS
Enable or disable interrupt for CTS event
See EVENTS_CTS
Disabled
0
Disable
Enabled
1
Enable
4430_161 v1.0
445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com