Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 117 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 117 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 113Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 114Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 115Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 116Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 117Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 118Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 119Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 120Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 121Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW RATEOVERRIDE
Data rate override setting.
1Mbit
0
1 Mbps
2Mbit
1
2 Mbps
125Kbps
2
125 Kbps
500Kbps
3
500 Kbps
6.4.10 Electrical specification
6.4.10.1 Timing specification
Symbol
Description
Min.
Typ.
Max.
Units
tkgen
Time needed for key-stream generation (given priority
access to destination RAM block).
..
..
..
µs
6.5 COMP — Comparator
The comparator (COMP) compares an input voltage (VIN+) against a second input voltage (VIN-). VIN+
can be derived either from an analog input pin (AIN0-AIN6) or VDD/2. VIN- can be derived from multiple
sources depending on the operation mode of the comparator.
Main features of the comparator are:
• Input range from 0 V to VDD
• Single-ended mode
• Fully flexible hysteresis using a 64-level reference ladder
• Differential mode
• Configurable hysteresis
• Reference inputs (VREF):
• VDD
• External reference from AIN0 to AIN7 (between 0 V and VDD)
• Internal references 1.2 V, 1.8 V and 2.4 V
• Three speed/power consumption modes: low-power, normal and high-speed
• Event generation on output changes
• UP event on VIN- > VIN+
• DOWN event on VIN- < VIN+
• CROSS event on VIN+ and VIN- crossing
• READY event on core and internal reference (if used) ready
4430_161 v1.0
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com