Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 203 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 203 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 199Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 200Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 201Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 202Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 203Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 204Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 205Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 206Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 207Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 483 page
background image
Peripherals
( GPDM,default ) and the gain introduced by the microphone and acoustic path of his implementation (an
attenuation would translate into a negative gain), and adjust GAINL and GAINR by this amount. Assuming
that only the PDM module influences the gain, GAINL and GAINR must be set to -GPDM,default dB to achieve
the requirement.
With GPDM,default=3.2 dB, and as GAINL and GAINR are expressed in 0.5 dB steps, the closest value to
program would be 3.0 dB, which can be calculated as:
GAINL = GAINR = (DefaultGain - (2 * 3))
Remember to check that the resulting values programmed into GAINL and GAINR fall within MinGain and
MaxGain.
6.10.4 EasyDMA
Samples will be written directly to RAM, and EasyDMA must be configured accordingly.
The address pointer for the EasyDMA channel is set in SAMPLE.PTR register. If the destination address set
in SAMPLE.PTR is not pointing to the Data RAM region, an EasyDMA transfer may result in a HardFault or
RAM corruption. See Memory on page 15 for more information about the different memory regions.
DMA supports Stereo (Left+Right 16-bit samples) and Mono (Left only) data transfer, depending on setting
in the OPERATION field in the MODE register. The samples are stored little endian.
MODE.OPERATION
Bits per sample
Result stored per RAM
word
Physical RAM allocated
(32 bit words)
Result boundary indexes
in RAM
Note
Stereo
32 (2x16)
L+R
ceil(SAMPLE.MAXCNT/2) R0=[31:16]; L0=[15:0]
Default
Mono
16
2xL
ceil(SAMPLE.MAXCNT/2) L1=[31:16]; L0=[15:0]
Table 42: DMA sample storage
The destination buffer in RAM consists of one block, the size of which is set in SAMPLE.MAXCNT register.
Format is number of 16-bit samples. The physical RAM allocated is always:
(RAM allocation, in bytes) = SAMPLE.MAXCNT * 2;
(but the mapping of the samples depends on MODE.OPERATION.
If OPERATION=Stereo, RAM will contain a succession of Left and Right samples.
If OPERATION=Mono, RAM will contain a succession of mono samples.
For a given value of SAMPLE.MAXCNT, the buffer in RAM can contain half the stereo sampling time as
compared to the mono sampling time.
The PDM acquisition can be started by the START task, after the SAMPLE.PTR and SAMPLE.MAXCNT
registers have been written. When starting the module, it will take some time for the filters to start
outputting valid data. Transients from the PDM microphone itself may also occur. The first few samples
(typically around 50) might hence contain invalid values or transients. It is therefore advised to discard the
first few samples after a PDM start.
As soon as the STARTED event is received, the firmware can write the next SAMPLE.PTR value (this register
is double-buffered), to ensure continuous operation.
When the buffer in RAM is filled with samples, an END event is triggered. The firmware can start
processing the data in the buffer. Meanwhile, the PDM module starts acquiring data into the new buffer
pointed to by SAMPLE.PTR, and sends a new STARTED event, so that the firmware can update SAMPLE.PTR
to the next buffer address.
4430_161 v1.0
203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com