Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 318 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 318 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 314Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 315Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 316Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 317Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 318Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 319Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 320Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 321Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 322Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 318 / 483 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
tRXEN,FAST
Time between the RXEN task and READY event after channel
FREQUENCY configured in fast mode
40
us
tSWITCH
The minimum time taken to switch from RX to TX or TX to RX
when channel FREQUENCY unchanged
20
us
tRXDISABLE
Time between DISABLE task and DISABLED event when the
radio was in RX
0
us
tTXCHAIN
Digital propagation delay (in radio only) when transmitting.
Does not include EasyDMA access time.
0.6
us
tRXCHAIN
Digital propagation delay (in radio only) when receiving.
Does not include EasyDMA access time.
9.4
us
tRXCHAIN,2M
Digital propagation delay in 2 Mbps mode (radio only) when
receiving. Does not include EasyDMA access time.
5
us
6.14.15.9 Received Signal Strength Indicator (RSSI) specifications
Symbol
Description
Min.
Typ.
Max.
Units
RSSIACC
RSSI Accuracy Valid range -90 to -20 dBm
±2
dB
RSSIRESOLUTION
RSSI resolution
1
dB
RSSIPERIOD
Sample period
0.25
us
6.14.15.10 Jitter
Symbol
Description
Min.
Typ.
Max.
Units
tDISABLEDJITTER
Jitter on DISABLED event relative to END event when
shortcut between END and DISABLE is enabled.
0.25
us
tREADYJITTER
Jitter on READY event relative to TXEN and RXEN task.
0.25
us
6.14.15.11 Delay when disabling the RADIO
Symbol
Description
Min.
Typ.
Max.
Units
tTXDISABLE,1M
Disable delay from TX.
Delay between DISABLE and DISABLED for MODE =
Nrf_1Mbit and MODE = Ble_1Mbit
6
us
tRXDISABLE,1M
Disable delay from RX.
Delay between DISABLE and DISABLED for MODE =
Nrf_1Mbit and MODE = Ble_1Mbit
0
us
6.15 RNG — Random number generator
The Random number generator (RNG) generates true non-deterministic random numbers based on
internal thermal noise that are suitable for cryptographic purposes. The RNG does not require a seed
value.
Random number
generator
START
STOP
VALRDY
VALUE
Figure 74: Random number generator
4430_161 v1.0
318



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com