Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 323 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 323 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 319Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 320Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 321Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 322Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 323Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 324Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 325Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 326Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 327Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 483 page
background image
Peripherals
SysClk
LFClk
PRESC
<<PRESC>>
0x001
0x001
0x000
0x001
TICK
COUNTER
0x000001
0x000
0x000000
Figure 77: Timing diagram - COUNTER_PRESCALER_1
6.16.4 Overflow features
The TRIGOVRFLW task sets the COUNTER value to 0xFFFFF0 to allow SW test of the overflow condition.
OVRFLW occurs when COUNTER overflows from 0xFFFFFF to 0.
Important: The OVRFLW event is disabled by default.
6.16.5 TICK event
The TICK event enables low power "tick-less" RTOS implementation as it optionally provides a regular
interrupt source for a RTOS without the need to use the ARM® SysTick feature.
Using the RTC TICK event rather than the SysTick allows the CPU to be powered down while still keeping
RTOS scheduling active.
Important: The TICK event is disabled by default.
6.16.6 Event control feature
To optimize RTC power consumption, events in the RTC can be individually disabled to prevent PCLK16M
and HFCLK being requested when those events are triggered. This is managed using the EVTEN register.
For example, if the TICK event is not required for an application, this event should be disabled as it is
frequently occurring and may increase power consumption if HFCLK otherwise could be powered down for
long durations.
This means that the RTC implements a slightly different task and event system compared to the standard
system described in Peripheral interface on page 94. The RTC task and event system is illustrated in
Tasks, events and interrupts in the RTC on page 324.
4430_161 v1.0
323



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com