Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QFAA-R Datasheet(PDF) 344 Page - Nordic Semiconductor

Part # NRF52810-QFAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QFAA-R Datasheet(HTML) 344 Page - Nordic Semiconductor

Back Button NRF52810-QFAA-R Datasheet HTML 340Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 341Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 342Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 343Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 344Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 345Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 346Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 347Page - Nordic Semiconductor NRF52810-QFAA-R Datasheet HTML 348Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 483 page
background image
Peripherals
Register
Offset
Description
CH[1].PSELN
0x524
Input negative pin selection for CH[1]
CH[1].CONFIG
0x528
Input configuration for CH[1]
CH[1].LIMIT
0x52C
High/low limits for event monitoring a channel
CH[2].PSELP
0x530
Input positive pin selection for CH[2]
CH[2].PSELN
0x534
Input negative pin selection for CH[2]
CH[2].CONFIG
0x538
Input configuration for CH[2]
CH[2].LIMIT
0x53C
High/low limits for event monitoring a channel
CH[3].PSELP
0x540
Input positive pin selection for CH[3]
CH[3].PSELN
0x544
Input negative pin selection for CH[3]
CH[3].CONFIG
0x548
Input configuration for CH[3]
CH[3].LIMIT
0x54C
High/low limits for event monitoring a channel
CH[4].PSELP
0x550
Input positive pin selection for CH[4]
CH[4].PSELN
0x554
Input negative pin selection for CH[4]
CH[4].CONFIG
0x558
Input configuration for CH[4]
CH[4].LIMIT
0x55C
High/low limits for event monitoring a channel
CH[5].PSELP
0x560
Input positive pin selection for CH[5]
CH[5].PSELN
0x564
Input negative pin selection for CH[5]
CH[5].CONFIG
0x568
Input configuration for CH[5]
CH[5].LIMIT
0x56C
High/low limits for event monitoring a channel
CH[6].PSELP
0x570
Input positive pin selection for CH[6]
CH[6].PSELN
0x574
Input negative pin selection for CH[6]
CH[6].CONFIG
0x578
Input configuration for CH[6]
CH[6].LIMIT
0x57C
High/low limits for event monitoring a channel
CH[7].PSELP
0x580
Input positive pin selection for CH[7]
CH[7].PSELN
0x584
Input negative pin selection for CH[7]
CH[7].CONFIG
0x588
Input configuration for CH[7]
CH[7].LIMIT
0x58C
High/low limits for event monitoring a channel
RESOLUTION
0x5F0
Resolution configuration
OVERSAMPLE
0x5F4
Oversampling configuration. OVERSAMPLE should not be combined with SCAN. The
RESOLUTION is applied before averaging, thus for high OVERSAMPLE a higher RESOLUTION
should be used.
SAMPLERATE
0x5F8
Controls normal or continuous sample rate
RESULT.PTR
0x62C
Data pointer
RESULT.MAXCNT
0x630
Maximum number of buffer words to transfer
RESULT.AMOUNT
0x634
Number of buffer words transferred since last START
Table 72: Register Overview
6.17.11.1 INTEN
Address offset: 0x300
Enable or disable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW STARTED
Enable or disable interrupt for STARTED event
See EVENTS_STARTED
Disabled
0
Disable
Enabled
1
Enable
4430_161 v1.0
344



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com