Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R7 Datasheet(PDF) 418 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 418 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 414Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 415Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 416Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 417Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 418Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 419Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 420Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 421Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 422Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 444 page
background image
Hardware and layout
Pin
Name
Type
Description
37
P0.25
Digital I/O
General purpose I/O
38
P0.26
Digital I/O
General purpose I/O
39
P0.27
Digital I/O
General purpose I/O
40
P0.28
AIN4
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
41
P0.29
AIN5
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
42
P0.30
AIN6
Digital I/O
Analog input
General purpose I/O
COMP input
SAADC input
43
P0.31
AIN7
Digital I/O
Analog input
General purpose I/O pin
COMP input
SAADC input
44
NC
No connect
Leave unconnected
45
VSS
Power
Ground
46
DEC4
Power
1.3 V regulator supply decoupling
Input from DC/DC regulator
Output from 1.3 V LDO
47
DCC
Power
DC/DC regulator output
48
VDD
Power
Power supply
Die pad
VSS
Power
Ground pad
Exposed die pad must be connected
to ground (VSS) for proper device
operation.
Table 120: QFN48 pin assignments
7.1.2 QFN32 pin assignments
The nRF52811 QFN32 pin assignment table and figure describe the pinouts for this variant of the chip.
4454_140 v1.0
418



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com