Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R7 Datasheet(PDF) 60 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 60 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 56Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 57Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 58Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 59Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 60Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 61Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 62Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 63Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 64Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 444 page
background image
Power and clock management
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D C
B A
Reset 0x0000FFFF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
Access
Field
Value ID
Value
Description
A-B W S[i]POWER (i=0..1)
Keep RAM section Si of RAMn on or off in System ON mode
On
1
On
C-D W S[i]RETENTION (i=0..1)
Keep retention on RAM section Si when RAM section is
switched off
On
1
On
5.3.9.16 RAM[n].POWERCLR (n=0..7)
Address offset: 0x908 + (n × 0x10)
RAMn power control clear register
When read, this register will return the value of the POWER register.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D C
B A
Reset 0x0000FFFF
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
ID
Access
Field
Value ID
Value
Description
A-B W S[i]POWER (i=0..1)
Keep RAM section Si of RAMn on or off in System ON mode
Off
1
Off
C-D W S[i]RETENTION (i=0..1)
Keep retention on RAM section Si when RAM section is
switched off
Off
1
Off
5.3.10 Electrical specification
5.3.10.1 Device startup times
Symbol
Description
Min.
Typ.
Max.
Units
tPOR
Time in Power on Reset after VDD reaches 1.7 V for all
supply voltages and temperatures. Dependent on supply rise
time. 9
tPOR,10us
VDD rise time 10us
1
ms
tPOR,10ms
VDD rise time 10ms
9
ms
tPOR,60ms
VDD rise time 60ms
23
ms
tPINR
If a GPIO pin is configured as reset, the maximum time
taken to pull up the pin and release reset after power on
reset. Dependent on the pin capacitive load (C)10: t=5RC, R
= 13kOhm
tPINR,500nF
C = 500nF
32.5
ms
tPINR,10uF
C = 10uF
650
ms
tR2ON
Time from reset to ON (CPU execute)
tR2ON,NOTCONF
If reset pin not configured
tPOR
ms
tR2ON,CONF
If reset pin configured
tPOR +
tPINR
ms
9 A step increase in supply voltage of 300 mV or more, with rise time of 300 ms or less, within the valid
supply range, may result in a system reset.
10 To decrease maximum time a device could hold in reset, a strong external pullup resistor can be
used.
4454_140 v1.0
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com