Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R7 Datasheet(PDF) 423 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 423 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 419Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 420Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 421Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 422Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 423Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 424Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 425Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 426Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 427Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 423 / 444 page
background image
Hardware and layout
7.1.4 GPIO pins located near the radio
Radio performance parameters, such as sensitivity, may be affected by high frequency digital I/O with
large sink/source current close to the radio power supply and antenna pins.
GPIO recommended usage on page 423 identifies some GPIO pins that have recommended usage
guidelines for maximizing radio performance in an application.
GPIO
QFN48 pin
QFN32 pin
Recommended usage
P0.25
37
26
P0.26
38
P0.27
39
P0.28
40
27
P0.29
41
Low drive, low frequency I/O only.
Table 123: GPIO recommended usage
7.2 Mechanical specifications
The mechanical specifications for the packages show the dimensions in millimeters.
7.2.1 QFN48 6 x 6 mm package
Dimensions in millimeters for the nRF52811 QFN48 6 x 6 mm package.
Figure 154: QFN48 6 x 6 mm package
A
A1
A3
b
D, E
D2, E2
e
K
L
Min.
0.80
0.00
0.15
4.50
0.20
0.35
Nom.
0.85
0.04
0.20
0.20
6.00
4.60
0.40
0.40
Max.
0.90
0.05
0.25
4.70
0.45
Table 124: QFN48 dimensions in millimeters
4454_140 v1.0
423



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com