Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R7 Datasheet(PDF) 123 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 123 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 119Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 120Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 121Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 122Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 123Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 124Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 125Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 126Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 127Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 444 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
IOH,HDL
Current at VDD-0.4 V, output set high, high drive, VDD >= 1.7
V
3
mA
tRF,15pF
Rise/fall time, standard drive mode, 10-90%, 15 pF load1
9
ns
tRF,25pF
Rise/fall time, standard drive mode, 10-90%, 25 pF load1
13
ns
tRF,50pF
Rise/fall time, standard drive mode, 10-90%, 50 pF load1
25
ns
tHRF,15pF
Rise/Fall time, high drive mode, 10-90%, 15 pF load1
4
ns
tHRF,25pF
Rise/Fall time, high drive mode, 10-90%, 25 pF load1
5
ns
tHRF,50pF
Rise/Fall time, high drive mode, 10-90%, 50 pF load1
8
ns
RPU
Pull-up resistance
11
13
16
kΩ
RPD
Pull-down resistance
11
13
16
kΩ
CPAD
Pad capacitance
3
pF
6.9 GPIOTE — GPIO tasks and events
The GPIO tasks and events (GPIOTE) module provides functionality for accessing GPIO pins using tasks and
events. Each GPIOTE channel can be assigned to one pin.
A GPIOTE block enables GPIOs to generate events on pin state change which can be used to carry out tasks
through the PPI system. A GPIO can also be driven to change state on system events using the PPI system.
Low power detection of pin state changes is possible when in System ON or System OFF.
Instance
Number of GPIOTE channels
GPIOTE
8
Table 39: GPIOTE properties
Up to three tasks can be used in each GPIOTE channel for performing write operations to a pin. Two tasks
are fixed (SET and CLR), and one (OUT) is configurable to perform following operations:
• Set
• Clear
• Toggle
An event can be generated in each GPIOTE channel from one of the following input conditions:
• Rising edge
• Falling edge
• Any change
6.9.1 Pin events and tasks
The GPIOTE module has a number of tasks and events that can be configured to operate on individual
GPIO pins.
The tasks (SET[n], CLR[n] and OUT[n]) can be used for writing to individual pins, and the events (IN[n]) can
be generated from changes occurring at the inputs of individual pins.
The SET task will set the pin selected in CONFIG[n].PSEL to high.
The CLR task will set the pin low.
The effect of the OUT task on the pin is configurable in CONFIG[n].POLARITY , and can either set the pin
high, set it low, or toggle it.
1 Rise and fall times based on simulations
4454_140 v1.0
123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com