Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R7 Datasheet(PDF) 181 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 181 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 177Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 178Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 179Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 180Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 181Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 182Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 183Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 184Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 185Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 444 page
background image
Peripherals
The RADIO includes a device address match unit and an interframe spacing control unit that can be utilized
to simplify address whitelisting and interframe spacing respectively in Bluetooth® low energy and similar
applications.
The RADIO also includes a received signal strength indicator (RSSI) and a bit counter. The bit counter
generates events when a preconfigured number of bits are sent or received by the RADIO.
6.14.1 Packet configuration
A RADIO packet contains the following fields: PREAMBLE, ADDRESS, S0, LENGTH, S1, PAYLOAD, and CRC.
The content of a RADIO packet is illustrated in the figure below. The RADIO sends the fields in the packet
according to the order illustrated in the following figure, starting on the left.
BASE
PREFIX
S0
LENGTH
S1
CRC
PAYLOAD
LSByte
MSByte
LSByte
ADDRESS
PREAMBLE
TERM
2
TERM1
CI
Figure 58: On-air packet layout
Not shown in the figure is the static payload add-on (the length of which is defined in PCNF1.STATLEN, and
which is 0 bytes in a standard BLE packet). The static payload add-on is sent between PAYLOAD and CRC
fields. The RADIO sends the different fields in the packet in the order they are illustrated above, from left
to right. The preamble will be sent with least significant bit first on air.
PREAMBLE is sent with least significant bit first on air. The size of the PREAMBLE depends on the mode
selected in the MODE register:
• The PREAMBLE is one byte for MODE = Ble_1Mbit as well as all Nordic proprietary operating modes
(MODE = Nrf_1Mbit and MODE = Nrf_2Mbit), and PCNF0.PLEN has to be set accordingly. If the first bit
of the ADDRESS is 0, the preamble will be set to 0xAA. Otherwise the PREAMBLE will be set to 0x55.
• For MODE = Ble_2Mbit, the PREAMBLE must be set to 2 byte through PCNF0.PLEN. If the first bit of the
ADDRESS is 0, the preamble will be set to 0xAAAA. Otherwise the PREAMBLE will be set to 0x5555.
• For MODE = Ble_LR125Kbit and MODE = Ble_LR500Kbit, the PREAMBLE is 10 repetitions of 0x3C.
• For MODE = Ieee802154_250Kbit, the PREAMBLE is 4 bytes and set to all zeros.
Radio packets are stored in memory inside instances of a RADIO packet data structure as illustrated below.
The PREAMBLE, ADDRESS, CI, TERM1, TERM2, and CRC fields are omitted in this data structure. Fields S0,
LENGTH, and S1 are optional.
S0
LENGTH
S1
PAYLOAD
0
n
LSByte
Figure 59: In-RAM representation of RADIO packet
The byte ordering on air is always least significant byte first for the ADDRESS and PAYLOAD fields, and
most significant byte first for the CRC field. The ADDRESS fields are always transmitted and received least
significant bit first. The CRC field is always transmitted and received most significant bit first. The bit-
endian, i.e. the order in which the bits are sent and received, of the S0, LENGTH, S1, and PAYLOAD fields
can be configured via PCNF1.ENDIAN.
The sizes of the S0, LENGTH and S1 fields can be individually configured via S0LEN, LFLEN, and S1LEN in
PCNF0 respectively. If any of these fields are configured to be less than 8 bits, the least significant bits of
the fields are used.
If S0, LENGTH, or S1 are specified with zero length, their fields will be omitted in memory. Otherwise each
field will be represented as a separate byte, regardless of the number of bits in their on-air counterpart.
4454_140 v1.0
181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com