Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R7 Datasheet(PDF) 192 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 192 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 188Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 189Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 190Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 191Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 192Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 193Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 194Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 195Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 196Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 444 page
background image
Peripherals
TXRU
3
1
2
TXIDLE
A
S0 L S1
PAYLOAD
CRC
P
TX
TXIDLE
TXDISABLE
(carrier)
(carrier)
CTE
Figure 75: Transmit sequence with DFE
The prescence of CTE within a received packet is signalled by the CTEPRESENT and CTEWARNING events
illustrated in the figure below.
RXRU
3
1
2
RXIDLE
A
S0 L S1
PAYLOAD
CRC
P
RX
RXIDLE
RXDISABLE
’X’
CTE
Figure 76: Receive sequence with DFE
6.14.12.6 Antenna switching
The RADIO can control up to 8 GPIO pins in order to control external antenna switches used in direction
finding.
Pin configuration
The eight antenna selection signals are mapped to physical pins according to the pin numbers specified
in the PSEL.DFEGPIO[n] registers. Only pins that have the PSEL.DFEGPIO[n].CONNECTED field set to
Connected will be controlled by the RADIO. Pins that are Disconnected will be controlled by GPIO.
During transmission in AoD TX mode or reception in AoA RX mode, the RADIO automatically acquires the
pins as needed. At times when the RADIO does not use the pin, the pin is released to its default state and
controlled by the GPIO configuration. Thus, the pin must be configured using the GPIO peripheral.
Pin acquired by RADIO
Direction
Value
Comment
Yes
Output
Specified in SWITCHPATTERN Pin acquired by RADIO, and in use for DFE.
No
Specified by GPIO
Specified by GPIO
DFE not in progress. Pin has not been acquired by RADIO, but is available for
DFE use.
Table 63: Pin configuration matrix for a connected and enabled pin [n]
4454_140 v1.0
192



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com