Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R7 Datasheet(PDF) 203 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R7
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R7 Datasheet(HTML) 203 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R7 Datasheet HTML 199Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 200Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 201Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 202Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 203Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 204Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 205Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 206Page - Nordic Semiconductor NRF52811-QCAA-R7 Datasheet HTML 207Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 444 page
background image
Peripherals
field of the packet payload exceedes PCNF1.STATLEN, and the LENGTH field in the packet specifies a
packet larger than configured in PCNF1.MAXLEN, the payload will be truncated to the length specified in
PCNF1.MAXLEN.
Note: The PCNF1.MAXLEN field includes the payload and the add-on, but excludes the size
occupied by the S0, LENGTH, and S1 fields. This has to be taken into account when allocating RAM.
If the payload and add-on length is specified larger than PCNF1.MAXLEN, the RADIO will still transmit or
receive in the same way as before, except the payload is now truncated to PCNF1.MAXLEN. The packet's
LENGTH field will not be altered when the payload is truncated. The RADIO will calculate CRC as if the
packet length is equal to PCNF1.MAXLEN.
Note: If PACKETPTR is not pointing to the Data RAM region, an EasyDMA transfer may result in a
HardFault or RAM corruption. See Memory on page 16 for more information about the different
memory regions.
The END event indicates that the last bit has been processed by the RADIO. The DISABLED event is issued
to acknowledge that an DISABLE task is done.
6.14.15 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40001000
RADIO
RADIO
2.4 GHz radio
Table 68: Instances
Register
Offset
Description
TASKS_TXEN
0x000
Enable RADIO in TX mode
TASKS_RXEN
0x004
Enable RADIO in RX mode
TASKS_START
0x008
Start RADIO
TASKS_STOP
0x00C
Stop RADIO
TASKS_DISABLE
0x010
Disable RADIO
TASKS_RSSISTART
0x014
Start the RSSI and take one single sample of the receive signal strength
TASKS_RSSISTOP
0x018
Stop the RSSI measurement
TASKS_BCSTART
0x01C
Start the bit counter
TASKS_BCSTOP
0x020
Stop the bit counter
TASKS_EDSTART
0x024
Start the energy detect measurement used in IEEE 802.15.4 mode
TASKS_EDSTOP
0x028
Stop the energy detect measurement
TASKS_CCASTART
0x02C
Start the clear channel assessment used in IEEE 802.15.4 mode
TASKS_CCASTOP
0x030
Stop the clear channel assessment
EVENTS_READY
0x100
RADIO has ramped up and is ready to be started
EVENTS_ADDRESS
0x104
Address sent or received
EVENTS_PAYLOAD
0x108
Packet payload sent or received
EVENTS_END
0x10C
Packet sent or received
EVENTS_DISABLED
0x110
RADIO has been disabled
EVENTS_DEVMATCH
0x114
A device address match occurred on the last received packet
EVENTS_DEVMISS
0x118
No device address match occurred on the last received packet
EVENTS_RSSIEND
0x11C
Sampling of receive signal strength complete
EVENTS_BCMATCH
0x128
Bit counter reached bit count value
EVENTS_CRCOK
0x130
Packet received with CRC ok
EVENTS_CRCERROR
0x134
Packet received with CRC error
EVENTS_FRAMESTART
0x138
IEEE 802.15.4 length field received
4454_140 v1.0
203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com