Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 389 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 389 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 385Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 386Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 387Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 388Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 389Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 390Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 391Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 392Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 393Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW OVERREAD
TX buffer over-read detected, and prevented
NotPresent
0
Read: error not present
Present
1
Read: error present
Clear
1
Write: clear error on writing '1'
B
RW OVERFLOW
RX buffer overflow detected, and prevented
NotPresent
0
Read: error not present
Present
1
Read: error present
Clear
1
Write: clear error on writing '1'
6.19.5.6 ENABLE
Address offset: 0x500
Enable SPI slave
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW ENABLE
Enable or disable SPI slave
Disabled
0
Disable SPI slave
Enabled
2
Enable SPI slave
6.19.5.7 PSELSCK ( Deprecated )
Address offset: 0x508
Pin select for SCK
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
RW PSELSCK
[0..31]
Pin number configuration for SPI SCK signal
Disconnected
0xFFFFFFFF
Disconnect
6.19.5.8 PSELMISO ( Deprecated )
Address offset: 0x50C
Pin select for MISO
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0xFFFFFFFF
1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1
Id
RW Field
Value Id
Value
Description
A
RW PSELMISO
[0..31]
Pin number configuration for SPI MISO signal
Disconnected
0xFFFFFFFF
Disconnect
4430_161 v1.0
389



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com