Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 93 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 93 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 89Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 90Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 91Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 92Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 93Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 94Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 95Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 96Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 97Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 483 page
background image
Power and clock management
Symbol
Description
Min.
Typ.
Max.
Units
fNOM_LFXO
Crystal frequency
32.768
kHz
fTOL_LFXO_BLE
Frequency tolerance requirement for BLE stack
±250
ppm
fTOL_LFXO_ANT
Frequency tolerance requirement for ANT stack
±50
ppm
CL_LFXO
Load capacitance
12.5
pF
C0_LFXO
Shunt capacitance
2
pF
RS_LFXO
Equivalent series resistance
100
kohm
PD_LFXO
Drive level
1
uW
Cpin
Input capacitance on XL1 and XL2 pads
4
pF
tSTART_LFXO
Startup time for 32.768 kHz crystal oscillator
0.25
s
VAMP_IN_XO_LOW
Peak to peak amplitude for external low swing clock. Input
signal must not swing outside supply rails.
200
1000
mV
5.4.4.5 32.768 kHz synthesized from HFCLK (LFSYNT)
Symbol
Description
Min.
Typ.
Max.
Units
fNOM_LFSYNT
Nominal frequency
32.768
kHz
fTOL_LFSYNT
Frequency tolerance in addition to HFLCK tolerance12
8
ppm
tSTART_LFSYNT
Startup time for synthesized 32.768 kHz
100
us
12 Frequency tolerance will be derived from the HFCLK source clock plus the LFSYNT tolerance
4430_161 v1.0
93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com