Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 15 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 15 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 11Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 12Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 13Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 14Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 15Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 19Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 483 page
background image
Core components
Option / Module
Description
Implemented
Core options
NVIC
Nested vector interrupt controller
30 vectors
PRIORITIES
Priority bits
3
WIC
Wakeup interrupt controller
NO
Endianness
Memory system endianness
Little endian
Bit-banding
Bit banded memory
NO
DWT
Data watchpoint and trace
NO
SysTick
System tick timer
YES
Modules
MPU
Memory protection unit
YES
FPU
Floating-point unit
NO
DAP
Debug access port
YES
ETM
Embedded trace macrocell
NO
ITM
Instrumentation trace macrocell
NO
TPIU
Trace port interface unit
NO
ETB
Embedded trace buffer
NO
FPB
Flash patch and breakpoint unit
YES
HTM
AMBA
® AHB trace macrocell
NO
4.2 Memory
The nRF52810 contains flash and RAM that can be used for code and data storage.
The amount of RAM and flash will vary depending on variant, see Memory variants on page 15.
Device name
RAM
Flash
Comments
nRF52810-QFAA
24 kB
192 kB
Table 3: Memory variants
The CPU and the EasyDMA can access memory via the AHB multilayer interconnect. The CPU is also able to
access peripherals via the AHB multilayer interconnect, as illustrated in Memory layout on page 16.
4430_161 v1.0
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com