Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 19 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 19 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 15Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 16Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 17Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 18Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 19Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 20Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 21Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 22Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 23Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 483 page
background image
Core components
UICR can only be written nWRITE number of times before an erase must be performed using ERASEUICR
or ERASEALL. The time it takes to write a word to UICR is specified by tWRITE. The CPU is halted if the CPU
executes code from the flash while the NVMC is writing to the UICR.
4.3.4 Erasing user information configuration registers (UICR)
When erase is enabled, UICR can be erased using the ERASEUICR register.
After erasing UICR all bits in UICR are set to
1. The time it takes to erase UICR is specified by tERASEPAGE. The
CPU is halted if the CPU executes code from the flash while the NVMC performs the erase operation.
4.3.5 Erase all
When erase is enabled, flash and UICR can be erased completely in one operation by using the ERASEALL
register. ERASEALL will not erase the factory information configuration registers (FICR).
The time it takes to perform an ERASEALL command is specified by tERASEALL The CPU is halted if the CPU
executes code from the flash while the NVMC performs the erase operation.
4.3.6 Registers
Base address
Peripheral
Instance
Description
Configuration
0x4001E000
NVMC
NVMC
Non-volatile memory controller
Table 5: Instances
Register
Offset
Description
READY
0x400
Ready flag
CONFIG
0x504
Configuration register
ERASEPCR1
0x508
Register for erasing a page in code area. Equivalent to ERASEPAGE.
Deprecated
ERASEPAGE
0x508
Register for erasing a page in code area
ERASEALL
0x50C
Register for erasing all non-volatile user memory
ERASEPCR0
0x510
Register for erasing a page in code area. Equivalent to ERASEPAGE.
Deprecated
ERASEUICR
0x514
Register for erasing user information configuration registers
Table 6: Register Overview
4.3.6.1 READY
Address offset: 0x400
Ready flag
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
READY
NVMC is ready or busy
Busy
0
NVMC is busy (ongoing write or erase operation)
Ready
1
NVMC is ready
4.3.6.2 CONFIG
Address offset: 0x504
Configuration register
4430_161 v1.0
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com