Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 397 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 397 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 393Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 394Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 395Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 396Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 397Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 398Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 399Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 400Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 401Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 483 page
background image
Peripherals
6.20 SWI — Software interrupts
A set of interrupts have been reserved for use as software interrupts.
6.20.1 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40014000
SWI
SWI0
Software interrupt 0
0x40015000
SWI
SWI1
Software interrupt 1
0x40016000
SWI
SWI2
Software interrupt 2
0x40017000
SWI
SWI3
Software interrupt 3
0x40018000
SWI
SWI4
Software interrupt 4
0x40019000
SWI
SWI5
Software interrupt 5
Table 81: Instances
6.21 TEMP — Temperature sensor
The temperature sensor measures die temperature over the temperature range of the device. Linearity
compensation can be implemented if required by the application.
Listed here are the main features for TEMP:
• Temperature range is greater than or equal to operating temperature of the device
• Resolution is 0.25 degrees
TEMP is started by triggering the START task.
When the temperature measurement is completed, a DATARDY event will be generated and the result of
the measurement can be read from the TEMP register.
To achieve the measurement accuracy stated in the electrical specification, the crystal oscillator must be
selected as the HFCLK source, see CLOCK — Clock control on page 83 for more information.
When the temperature measurement is completed, TEMP analog electronics power down to save power.
TEMP only supports one-shot operation, meaning that every TEMP measurement has to be explicitly
started using the START task.
6.21.1 Registers
Base address
Peripheral
Instance
Description
Configuration
0x4000C000
TEMP
TEMP
Temperature sensor
Table 82: Instances
Register
Offset
Description
TASKS_START
0x000
Start temperature measurement
TASKS_STOP
0x004
Stop temperature measurement
EVENTS_DATARDY
0x100
Temperature measurement complete, data ready
INTENSET
0x304
Enable interrupt
INTENCLR
0x308
Disable interrupt
TEMP
0x508
Temperature in °C (0.25° steps)
A0
0x520
Slope of 1st piece wise linear function
4430_161 v1.0
397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com