Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 456 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 456 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 452Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 453Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 454Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 455Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 456Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 457Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 458Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 459Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 460Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 483 page
background image
Peripherals
Disable interrupt
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW TIMEOUT
Write '1' to Disable interrupt for TIMEOUT event
See EVENTS_TIMEOUT
Clear
1
Disable
Disabled
0
Read: Disabled
Enabled
1
Read: Enabled
6.26.4.3 RUNSTATUS
Address offset: 0x400
Run status
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
R
RUNSTATUS
Indicates whether or not the watchdog is running
NotRunning
0
Watchdog not running
Running
1
Watchdog is running
6.26.4.4 REQSTATUS
Address offset: 0x404
Request status
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
H G F E D C B A
Reset 0x00000001
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1
Id
RW Field
Value Id
Value
Description
A
R
RR0
Request status for RR[0] register
DisabledOrRequested
0
RR[0] register is not enabled, or are already requesting
reload
EnabledAndUnrequested 1
RR[0] register is enabled, and are not yet requesting reload
B
R
RR1
Request status for RR[1] register
DisabledOrRequested
0
RR[1] register is not enabled, or are already requesting
reload
EnabledAndUnrequested 1
RR[1] register is enabled, and are not yet requesting reload
C
R
RR2
Request status for RR[2] register
DisabledOrRequested
0
RR[2] register is not enabled, or are already requesting
reload
EnabledAndUnrequested 1
RR[2] register is enabled, and are not yet requesting reload
D
R
RR3
Request status for RR[3] register
DisabledOrRequested
0
RR[3] register is not enabled, or are already requesting
reload
EnabledAndUnrequested 1
RR[3] register is enabled, and are not yet requesting reload
E
R
RR4
Request status for RR[4] register
4430_161 v1.0
456



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com