Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 102 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 102 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 98Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 99Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 100Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 101Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 102Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 103Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 104Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 105Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 106Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 483 page
background image
Peripherals
Non-volatile memory can be protected from erases and writes depending on the settings in the CONFIG
registers. One bit in a CONFIG register represents one protected block of 4 kB. There are multiple CONFIG
registers to cover the whole range of the flash. Protected regions of program memory on page 102
illustrates how the CONFIG bits map to the program memory space.
Important: If an erase or write to a protected block is detected, the CPU will hard fault. If an
ERASEALL operation is attempted from the CPU while any block is protected it will be blocked and
the CPU will hard fault.
On reset, all the protection bits are cleared. To ensure safe operation, the first task after reset must be to
set the protection bits. The only way of clearing protection bits is by resetting the device from any reset
source.
The protection mechanism is turned off when in debug mode (a debugger is connected) and the
DISABLEINDEBUG register is set to disable.
...
0
1
2
n*32 + 31
n*32 + 1
n*32 + 0
Program Memory
0x00000000
0
CONFIG[0]
l
31
0
CONFIG[n]
l
31
Figure 25: Protected regions of program memory
4430_161 v1.0
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com