| Electronic Components Datasheet Search |
|
NRF52810-QCAA-R Datasheet(PDF) 130 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R Datasheet(HTML) 130 Page - Nordic Semiconductor |
|
130 / 483 page ![]() Peripherals 6.6.4.3 ECBDATAPTR Address offset: 0x504 ECB block encrypt memory pointers Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 Id A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 Id RW Field Value Id Value Description A RW ECBDATAPTR Pointer to the ECB data structure (see Table 1 ECB data structure overview) 6.6.5 Electrical specification 6.6.5.1 ECB Electrical Specification Symbol Description Min. Typ. Max. Units tECB Run time per 16 byte block in all modes 6 µs 6.7 EGU — Event generator unit The Event generator unit (EGU) provides support for inter-layer signaling. This means support for atomic triggering of both CPU execution and hardware tasks from both firmware (by CPU) and hardware (by PPI). This feature can, for instance, be used for triggering CPU execution at a lower priority execution from a higher priority execution, or to handle a peripheral's ISR execution at a lower priority for some of its events. However, triggering any priority from any priority is possible. Listed here are the main EGU features: • Enables SW triggering of interrupts • Separate interrupt vectors for every EGU instance • Up to 16 separate event flags per interrupt for multiplexing Each instance of The EGU implements a set of tasks which can individually be triggered to generate the corresponding event, i.e., the corresponding event for TASKS_TRIGGER[n] is EVENTS_TRIGGERED[n]. Refer to Instances on page 130 for a list of the various EGU instances 6.7.1 Registers Base address Peripheral Instance Description Configuration 0x40014000 EGU EGU0 Event generator unit 0 0x40015000 EGU EGU1 Event generator unit 1 Table 34: Instances Register Offset Description TASKS_TRIGGER[0] 0x000 Trigger 0 for triggering the corresponding TRIGGERED[0] event TASKS_TRIGGER[1] 0x004 Trigger 1 for triggering the corresponding TRIGGERED[1] event TASKS_TRIGGER[2] 0x008 Trigger 2 for triggering the corresponding TRIGGERED[2] event TASKS_TRIGGER[3] 0x00C Trigger 3 for triggering the corresponding TRIGGERED[3] event TASKS_TRIGGER[4] 0x010 Trigger 4 for triggering the corresponding TRIGGERED[4] event 4430_161 v1.0 130 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |