Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 140 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 140 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 136Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 137Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 138Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 139Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 140Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 141Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 142Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 143Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 144Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 483 page
background image
Peripherals
Register
Offset
Description
IN
0x510
Read GPIO port
DIR
0x514
Direction of GPIO pins
DIRSET
0x518
DIR set register
DIRCLR
0x51C
DIR clear register
LATCH
0x520
Latch register indicating what GPIO pins that have met the criteria set in the PIN_CNF[n].SENSE
registers
DETECTMODE
0x524
Select between default DETECT signal behaviour and LDETECT mode
PIN_CNF[0]
0x700
Configuration of GPIO pins
PIN_CNF[1]
0x704
Configuration of GPIO pins
PIN_CNF[2]
0x708
Configuration of GPIO pins
PIN_CNF[3]
0x70C
Configuration of GPIO pins
PIN_CNF[4]
0x710
Configuration of GPIO pins
PIN_CNF[5]
0x714
Configuration of GPIO pins
PIN_CNF[6]
0x718
Configuration of GPIO pins
PIN_CNF[7]
0x71C
Configuration of GPIO pins
PIN_CNF[8]
0x720
Configuration of GPIO pins
PIN_CNF[9]
0x724
Configuration of GPIO pins
PIN_CNF[10]
0x728
Configuration of GPIO pins
PIN_CNF[11]
0x72C
Configuration of GPIO pins
PIN_CNF[12]
0x730
Configuration of GPIO pins
PIN_CNF[13]
0x734
Configuration of GPIO pins
PIN_CNF[14]
0x738
Configuration of GPIO pins
PIN_CNF[15]
0x73C
Configuration of GPIO pins
PIN_CNF[16]
0x740
Configuration of GPIO pins
PIN_CNF[17]
0x744
Configuration of GPIO pins
PIN_CNF[18]
0x748
Configuration of GPIO pins
PIN_CNF[19]
0x74C
Configuration of GPIO pins
PIN_CNF[20]
0x750
Configuration of GPIO pins
PIN_CNF[21]
0x754
Configuration of GPIO pins
PIN_CNF[22]
0x758
Configuration of GPIO pins
PIN_CNF[23]
0x75C
Configuration of GPIO pins
PIN_CNF[24]
0x760
Configuration of GPIO pins
PIN_CNF[25]
0x764
Configuration of GPIO pins
PIN_CNF[26]
0x768
Configuration of GPIO pins
PIN_CNF[27]
0x76C
Configuration of GPIO pins
PIN_CNF[28]
0x770
Configuration of GPIO pins
PIN_CNF[29]
0x774
Configuration of GPIO pins
PIN_CNF[30]
0x778
Configuration of GPIO pins
PIN_CNF[31]
0x77C
Configuration of GPIO pins
Table 37: Register Overview
6.8.2.1 OUT
Address offset: 0x504
Write GPIO port
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
f e d c b a Z Y X W V U T S R Q P O N M L K J I H G F E D C B A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW PIN0
Pin 0
Low
0
Pin driver is low
4430_161 v1.0
140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com