| Electronic Components Datasheet Search |
|
NRF52810-QCAA-R Datasheet(PDF) 190 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF52810-QCAA-R Datasheet(HTML) 190 Page - Nordic Semiconductor |
|
190 / 483 page ![]() Peripherals This feature is always enabled although the peripheral itself appears to be IDLE, that is, no clocks or other power intensive infrastructure have to be requested to keep this feature enabled. This feature can therefore be used to wake up the CPU from a WFI or WFE type sleep in System ON with all peripherals and the CPU idle, that is, lowest power consumption in System ON mode. In order to prevent spurious interrupts from the PORT event while configuring the sources, the user shall first disable interrupts on the PORT event (through INTENCLR.PORT), then configure the sources (PIN_CNF[n].SENSE), clear any potential event that could have occurred during configuration (write '1' to EVENTS_PORT), and finally enable interrupts (through INTENSET.PORT). 6.9.3 Tasks and events pin configuration Each GPIOTE channel is associated with one physical GPIO pin through the CONFIG.PSEL field. When Event mode is selected in CONFIG.MODE, the pin specified by CONFIG.PSEL will be configured as an input, overriding the DIR setting in GPIO. Similarly, when Task mode is selected in CONFIG.MODE, the pin specified by CONFIG.PSEL will be configured as an output overriding the DIR setting and OUT value in GPIO. When Disabled is selected in CONFIG.MODE, the pin specified by CONFIG.PSEL will use its configuration from the PIN[n].CNF registers in GPIO. Only one GPIOTE channel can be assigned to one physical pin. Failing to do so may result in unpredictable behavior. 6.9.4 Registers Base address Peripheral Instance Description Configuration 0x40006000 GPIOTE GPIOTE GPIO tasks and events Table 40: Instances Register Offset Description TASKS_OUT[0] 0x000 Task for writing to pin specified in CONFIG[0].PSEL. Action on pin is configured in CONFIG[0].POLARITY. TASKS_OUT[1] 0x004 Task for writing to pin specified in CONFIG[1].PSEL. Action on pin is configured in CONFIG[1].POLARITY. TASKS_OUT[2] 0x008 Task for writing to pin specified in CONFIG[2].PSEL. Action on pin is configured in CONFIG[2].POLARITY. TASKS_OUT[3] 0x00C Task for writing to pin specified in CONFIG[3].PSEL. Action on pin is configured in CONFIG[3].POLARITY. TASKS_OUT[4] 0x010 Task for writing to pin specified in CONFIG[4].PSEL. Action on pin is configured in CONFIG[4].POLARITY. TASKS_OUT[5] 0x014 Task for writing to pin specified in CONFIG[5].PSEL. Action on pin is configured in CONFIG[5].POLARITY. TASKS_OUT[6] 0x018 Task for writing to pin specified in CONFIG[6].PSEL. Action on pin is configured in CONFIG[6].POLARITY. TASKS_OUT[7] 0x01C Task for writing to pin specified in CONFIG[7].PSEL. Action on pin is configured in CONFIG[7].POLARITY. TASKS_SET[0] 0x030 Task for writing to pin specified in CONFIG[0].PSEL. Action on pin is to set it high. TASKS_SET[1] 0x034 Task for writing to pin specified in CONFIG[1].PSEL. Action on pin is to set it high. TASKS_SET[2] 0x038 Task for writing to pin specified in CONFIG[2].PSEL. Action on pin is to set it high. TASKS_SET[3] 0x03C Task for writing to pin specified in CONFIG[3].PSEL. Action on pin is to set it high. TASKS_SET[4] 0x040 Task for writing to pin specified in CONFIG[4].PSEL. Action on pin is to set it high. TASKS_SET[5] 0x044 Task for writing to pin specified in CONFIG[5].PSEL. Action on pin is to set it high. TASKS_SET[6] 0x048 Task for writing to pin specified in CONFIG[6].PSEL. Action on pin is to set it high. TASKS_SET[7] 0x04C Task for writing to pin specified in CONFIG[7].PSEL. Action on pin is to set it high. 4430_161 v1.0 190 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |