Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 335 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 335 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 331Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 332Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 333Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 334Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 335Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 336Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 337Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 338Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 339Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 483 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
Id
A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
Id
RW Field
Value Id
Value
Description
A
RW COMPARE
Compare value
6.16.11 Electrical specification
6.17 SAADC — Successive approximation analog-to-
digital converter
The ADC is a differential successive approximation register (SAR) analog-to-digital converter.
Listed here are the main features of SAADC:
• 8/10/12-bit resolution, 14-bit resolution with oversampling
• Up to eight input channels
• One channel per single-ended input and two channels per differential input
• Scan mode can be configured with both single-ended channels and differential channels.
• Full scale input range (0 to VDD)
• Sampling triggered via a task from software or a PPI channel for full flexibility on sample frequency
source from low power 32.768kHz RTC or more accurate 1/16MHz Timers
• One-shot conversion mode to sample a single channel
• Scan mode to sample a series of channels in sequence. Sample delay between channels is tack + tconv
which may vary between channels according to user configuration of tack.
• Support for direct sample transfer to RAM using EasyDMA
• Interrupts on single sample and full buffer events
• Samples stored as 16-bit 2’s complement values for differential and single-ended sampling
• Continuous sampling without the need of an external timer
• Internal resistor string
• Limit checking on the fly
6.17.1 Shared resources
The ADC can coexist with COMP and other peripherals using one of
AIN0-AIN7, provided these are
assigned to different pins.
It is not recommended to select the same analog input pin for both modules.
6.17.2 Overview
The ADC supports up to eight external analog input channels, depending on package variant. It can be
operated in a one-shot mode with sampling under software control, or a continuous conversion mode
with a programmable sampling rate.
The analog inputs can be configured as eight single-ended inputs, four differential inputs or a combination
of these. Each channel can be configured to select
AIN0 to AIN7 pins, or the VDD pin. Channels can be
sampled individually in one-shot or continuous sampling modes, or, using scan mode, multiple channels
can be sampled in sequence. Channels can also be oversampled to improve noise performance.
4430_161 v1.0
335



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com