Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52810-QCAA-R Datasheet(PDF) 373 Page - Nordic Semiconductor

Part # NRF52810-QCAA-R
Description  RF52810
PDF  483 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52810-QCAA-R Datasheet(HTML) 373 Page - Nordic Semiconductor

Back Button NRF52810-QCAA-R Datasheet HTML 369Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 370Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 371Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 372Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 373Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 374Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 375Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 376Page - Nordic Semiconductor NRF52810-QCAA-R Datasheet HTML 377Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 373 / 483 page
background image
Peripherals
START
CPU
1
ENDTX
0
1
2
n
ORC
ORC
CSN
SCK
MOSI
A
B
C
m-2
m-1
m
MISO
2
ENDRX
Figure 98: SPI master transaction
6.18.2 Master mode pin configuration
The SCK, MOSI, and MISO signals associated with the SPI master are mapped to physical pins according to
the configuration specified in the PSEL.SCK, PSEL.MOSI, and PSEL.MISO registers respectively.
The PSEL.SCK, PSEL.MOSI, and PSEL.MISO registers and their configurations are only used as long as the
SPI master is enabled, and retained only as long as the device is in ON mode. PSEL.SCK, PSEL.MOSI and
PSEL.MISO must only be configured when the SPI master is disabled.
To secure correct behavior in the SPI, the pins used by the SPI must be configured in the GPIO peripheral
as described in GPIO configuration on page 373 prior to enabling the SPI. This configuration must be
retained in the GPIO for the selected IOs as long as the SPI is enabled.
Only one peripheral can be assigned to drive a particular GPIO pin at a time. Failing to do so may result in
unpredictable behavior.
SPI master signal
SPI master pin
Direction
Output value
SCK
As specified in PSEL.SCK
Output
Same as CONFIG.CPOL
MOSI
As specified in PSEL.MOSI
Output
0
MISO
As specified in PSEL.MISO
Input
Not applicable
Table 74: GPIO configuration
6.18.3 EasyDMA
The SPI master implements EasyDMA for reading and writing of data packets from and to the DATA RAM
without CPU involvement.
RXD.PTR and TXD.PTR point to the RXD buffer (receive buffer) and TXD buffer (transmit buffer)
respectively, see SPIM — SPI master with EasyDMA on page 371. RXD.MAXCNT and TXD.MAXCNT
specify the maximum number of bytes allocated to the buffers. The SPI master will automatically
stop transmitting after TXD.MAXCNT bytes have been transmitted and RXD.MAXCNT bytes have been
4430_161 v1.0
373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com