Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 180 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 180 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 176Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 177Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 178Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 179Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 180Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 181Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 182Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 183Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 184Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 444 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
ACCDBLREAD
[0..15]
Snapshot of the ACCDBL register. This field is updated when
the READCLRACC or RDCLRDBL task is triggered.
6.13.8 Electrical specification
6.13.8.1 QDEC Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
tSAMPLE
Time between sampling signals from quadrature decoder
128
131072 µs
tLED
Time from LED is turned on to signals are sampled
0
511
µs
6.14 RADIO — 2.4 GHz radio
The 2.4 GHz radio transceiver is compatible with multiple radio standards such as 1 Mbps, 2 Mbps and
long range Bluetooth® low energy. IEEE 802.15.4 250 kbps mode is fully supported as well as Nordic's
proprietary 1 Mbps and 2 Mbps modes of operation.
Listed here are main features for the RADIO:
• Multidomain 2.4 GHz radio transceiver
• 1 Mbps, 2 Mbps, and long range (125 kbps and 500 kbps mode) Bluetooth® low energy modes
• Angle-of-arrival (AoA) and angle-of-departure (AoD) direction finding using Bluetooth® low energy
• 250 kbps IEEE 802.15.4 mode
• 1 Mbps and 2 Mbps Nordic proprietary modes
• Best in class link budget and low power operation
• Efficient data interface with EasyDMA support
• Automatic address filtering and pattern matching
EasyDMA, in combination with an automated packet assembler, packet disassembler, automated CRC
generator and CRC checker, makes it easy to configure and use the RADIO. See the following figure for
details.
RADIO
2.4 GHz
receiver
2.4 GHz
transmitter
RSSI
EasyDMA
Dewhitening
Whitening
IFS
control unit
CRC
CRC
Address
match
Bit counter
RAM
L
S0
Payload
S1
L
S0
S1
PACKETPTR
Packet
disassembler
Packet
assembler
Device
address
match
Packet synch
Payload
MAXLEN
ANT1
Figure 57: RADIO block diagram
4454_140 v1.0
180



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com