Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 182 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 182 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 178Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 179Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 180Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 181Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 182Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 183Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 184Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 185Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 186Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 444 page
background image
Peripherals
Independent of the configuration of PCNF1.MAXLEN, the combined length of S0, LENGTH, S1, and
PAYLOAD cannot exceed 258 bytes.
6.14.2 Address configuration
The on-air radio ADDRESS field is composed of two parts, the base address field and the address prefix
field.
The size of the base address field is configurable via PCNF1.BALEN. The base address is truncated from the
least significant byte if the PCNF1.BALEN is less than 4. See Definition of logical addresses on page 182.
Logical address
Base address
Prefix byte
0
BASE0
PREFIX0.AP0
1
BASE1
PREFIX0.AP1
2
BASE1
PREFIX0.AP2
3
BASE1
PREFIX0.AP3
4
BASE1
PREFIX1.AP4
5
BASE1
PREFIX1.AP5
6
BASE1
PREFIX1.AP6
7
BASE1
PREFIX1.AP7
Table 59: Definition of logical addresses
The on-air addresses are defined in the BASE0/BASE1 and PREFIX0/PREFIX1 registers. It is only when
writing these registers that the user must relate to the actual on-air addresses. For other radio address
registers, such as the TXADDRESS, RXADDRESSES, and RXMATCH registers, logical radio addresses ranging
from 0 to 7 are being used. The relationship between the on-air radio addresses and the logical addresses
is described in Definition of logical addresses on page 182.
6.14.3 Data whitening
The RADIO is able to do packet whitening and de-whitening, enabled in PCNF1.WHITEEN. When enabled,
whitening and de-whitening will be handled by the RADIO automatically as packets are sent and received.
The whitening word is generated using polynomial g(D) = D7+ D4 + 1, which then is XORed with the data
packet that is to be whitened, or de-whitened. See the figure below.
+
+
Data in
Data out
Position
0
1
2
3
4
5
6
D0
D4
D7
Figure 60: Data whitening and de-whitening
Whitening and de-whitening will be performed over the whole packet (except for the preamble and the
address field).
The linear feedback shift register in the figure above is initialized via register DATAWHITEIV on page 228.
6.14.4 CRC
The CRC generator in the RADIO calculates the CRC over the whole packet excluding the preamble. If
desirable, the address field can be excluded from the CRC calculation as well.
4454_140 v1.0
182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com