Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 183 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 183 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 179Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 180Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 181Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 182Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 183Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 184Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 185Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 186Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 187Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 444 page
background image
Peripherals
See CRCCNF register for more information.
The CRC polynomial is configurable as illustrated in the following figure, where bit 0 in the CRCPOLY
register corresponds to X0 and bit 1 corresponds to X1 etc. See CRCPOLY on page 227 for more
information.
+
Packet
(Clocked in serially)
+
+
+
+
Xn
bn
b0
Xn-1
X2
X1
X0
Figure 61: CRC generation of an n bit CRC
The figure shows that the CRC is calculated by feeding the packet serially through the CRC generator.
Before the packet is clocked through the CRC generator, the CRC generator's latches b0 through bn will
be initialized with a predefined value specified in the CRCINIT register. After the whole packet has been
clocked through the CRC generator, b0 through bn will hold the resulting CRC. This value will be used by the
RADIO during both transmission and reception. Latches b0 through bn are not available to be read by the
CPU at any time. However, a received CRC can be read by the CPU via the RXCRC register.
The length (n) of the CRC is configurable, see CRCCNF for more information.
Once the entire packet, including the CRC, has been received and no errors were detected, the RADIO
generates a CRCOK event. If CRC errors were detected, a CRCERROR event is generated.
The status of the CRC check can be read from the CRCSTATUS register after a packet has been received.
6.14.5 Radio states
Tasks and events are used to control the operating state of the RADIO.
The RADIO can enter the states described the table below.
State
Description
DISABLED
No operations are going on inside the RADIO and the power consumption is at a minimum
RXRU
The RADIO is ramping up and preparing for reception
RXIDLE
The RADIO is ready for reception to start
RX
Reception has been started and the addresses enabled in the RXADDRESSES register are being monitored
TXRU
The RADIO is ramping up and preparing for transmission
TXIDLE
The RADIO is ready for transmission to start
TX
The RADIO is transmitting a packet
RXDISABLE
The RADIO is disabling the receiver
TXDISABLE
The RADIO is disabling the transmitter
Table 60: RADIO state diagram
A state diagram showing an overview of the RADIO is shown in the following figure.
4454_140 v1.0
183



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com