Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 187 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 187 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 183Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 184Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 185Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 186Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 187Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 188Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 189Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 190Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 191Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 444 page
background image
Peripherals
RXRU
3
1
A
S0 L S1
PAYLOAD
CRC
P
RX
RXDISABLE
A
S0 L S1
PAYLOAD
CRC
P
RX
2
’X’
’X’
RXIDLE
Figure 68: Reception of multiple packets
6.14.8 Received signal strength indicator (RSSI)
The RADIO implements a mechanism for measuring the power in the received signal. This feature is called
received signal strength indicator (RSSI).
The RSSI is measured continuously and the value filtered using a single-pole IIR filter. After a signal level
change, the RSSI will settle after approximately RSSISETTLE.
Sampling of the received signal strength is started by using the RSSISTART task. The sample can be read
from the RSSISAMPLE register.
The sample period of the RSSI is defined by RSSIPERIOD. The RSSISAMPLE will hold the pre-filtered received
signal strength after this sample period.
For the RSSI sample to be valid, the RADIO has to be enabled in receive mode (RXEN task) and the
reception has to be started (READY event followed by START task).
6.14.9 Interframe spacing (IFS)
Interframe spacing (IFS) is defined as the time, in microseconds, between two consecutive packets,
starting from when the end of the last bit of the previous packet is received, to the beginning of the first
bit of the subsequent packet that is transmitted. The RADIO is able to enforce this interval, as specified in
the TIFS register, as long as the TIFS is not specified to be shorter than the RADIO's turnaround time, i.e.
the time needed to switch off the receiver, and then switch the transmitter back on. The TIFS register can
be written any time before the last bit on air is received.
This timing is illustrated in the figure below.
4454_140 v1.0
187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com