Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 188 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 188 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 184Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 185Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 186Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 187Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 188Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 189Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 190Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 191Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 192Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 444 page
background image
Peripherals
PAYLOAD
CRC
RX
RXDISABLE
TXRU
A
S0 L S1
P
TX
PAYLOAD
TIFS
Change to SHORTS and
TIFS OK
Change to MODE OK
Figure 69: IFS timing detail
The TIFS duration starts after the last bit on air (just before the END event), and elapses with first bit being
transmitted on air (just after READY event).
TIFS is only enforced if the shortcuts END-to-DISABLE and DISABLED-to-TXEN or END-to-DISABLE and
DISABLED-to-RXEM are enabled. TIFS is qualified for use when MODE is either Ble_1Mbit, Ble_2Mbit,
Ble_LR125Kbit, Ble_LR500Kbit, or Ieee802154_250Kbit, using the default ramp-up mode. SHORTS and TIFS
are not double-buffered, and can be updated at any point in time before the last bit on air is received. The
MODE register is double-buffered and sampled at the TXEN or RXEN task.
6.14.10 Device address match
The device address match feature is tailored for address whitelisting in Bluetooth® low energy and similar
implementations.
This feature enables on-the-fly device address matching while receiving a packet on air. This feature only
works in receive mode and when the RADIO is configured for little endian, see PCNF1.ENDIAN.
The device address match unit assumes that the first 48 bits of the payload are the device address and
that bit number 6 in S0 is the TxAdd bit. See the Bluetooth® Core Specification for more information about
device addresses, TxAdd, and whitelisting.
The RADIO is able to listen for eight different device addresses at the same time. These addresses are
specified in a DAB/DAP register pair, one pair per address, in addition to a TxAdd bit configured in the
DACNF register. The DAB register specifies the 32 least significant bits of the device address, while the DAP
register specifies the 16 most significant bits of the device address.
Each of the device addresses can be individually included or excluded from the matching mechanism. This
is configured in the DACNF register.
6.14.11 Bit counter
The RADIO implements a simple counter that can be configured to generate an event after a specific
number of bits have been transmitted or received.
By using shortcuts, this counter can be started from different events generated by the RADIO and count
relative to these.
The bit counter is started by triggering the BCSTART task, and stopped by triggering the BCSTOP task. A
BCMATCH event will be generated when the bit counter has counted the number of bits specified in the
4454_140 v1.0
188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com