Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 190 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 190 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 186Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 187Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 188Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 189Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 190Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 191Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 192Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 193Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 194Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 444 page
background image
Peripherals
slot. Oversampling is possible by changing the sample spacing as described in IQ sampling on page 193.
The switch slot and sample slot durations are either 1 or 2 µs, but must be equal. The format of the CTE
and switching and sampling procedures may be configured prior to, or during, packet transmission and
reception. Alternatively, during packet reception, these operations can be configured by reading specific
fields of the packet contents.
6.14.12.2 Mode
Depending on the DFEMODE, the device performs the following procedures:
DFEMODE
AOA
AOD
TX
RX
TX
RX
Generating and transmitting CTE
x
x
Receiving, interpreting, and sampling CTE
x
x
AoA/AoD Procedure
Antenna switching
x
x
Table 61: AoA/AoD Procedures performed as a function of DFEMODE and TX/RX mode
6.14.12.3 Inline configuration
When inline configuration is enabled during RX, further configuration of the AoA/AoD procedures
is performed based on the values of the CP bit and the CTEInfo octet within the packet. This
is enabled by setting CTEINLINECONF.CTEINLINECTRLEN. The CTEInfo octet is present only if
the CP bit is set. The position of the CP bit and CTEInfo octet depends on whether the packet
has a Data Channel PDU (CTEINLINECONF.CTEINFOINS1=InS1), or an Advertising Channel PDU
(CTEINLINECONF.CTEINFOINS1=NotInS1).
Data channel PDU
For Data Channel PDUs, PCNF0.S0LEN must be 1 byte, and PCNF0.LFLEN must be 8 bits. To determine if S1
is present, the registers CTEINLINECONF.S0MASK and CTEINLINECONF.S0CONF forms a bitwise mask-and-
test for the S0 field. If the bitwise AND between S0 and S0MASK equals S0CONF, then S1 is determined to
be present. When present, the value of PCNF0.S1LEN will be ignored, as this is decided by the CP bit in the
the following figure.
Length
CTEInfo
...
CP
...
5 bits
2
bits
8 bits
0 or 8
bits
1
bit
S0
LENGTH
S1
Figure 72: Data channel PDU header
When encrypting and decrypting BLE packets using the CCM peripheral, it is also required to set
PCNF0.S1INCL=1. The CCM mode must be configured to use an 8-bit length field. The value of the CP bit is
included in the calculation of the MIC, while the S1 field is ignored by the CCM calculation.
Advertising channel PDU
For advertising channel PDUs, the CTEInfo Flag replaces the CP bit. The CTEInfo Flag is within the extended
header flag field in some of the advertising PDUs that employ the common extended advertising payload
format (i.e. AUX_SYNC_IND, AUX_CHAIN_IND). The format of such packets is shown in the following
figure.
4454_140 v1.0
190



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com