Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 194 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 194 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 190Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 191Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 192Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 193Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 194Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 195Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 196Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 197Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 198Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 444 page
background image
Peripherals
For AoA RX mode, the sample spacing after the reference period is determined by
DFECTRL1.TSWITCHSPACING, as listed in the table below.
DFECTRL1.TSWITCHSPACING
Sample spacing
2 µs
CTEINLINECONF.CTEINLINERXMODE1US
4 µs
CTEINLINECONF.CTEINLINERXMODE2US
Other
DFECTRL1.TSAMPLESPACING
Table 66: Sample spacing when CTEINLINECONF.CTEINLINECTRLEN is set and the device is in AoA RX mode
For the reference- and switching periods, DFECTRL1.TSAMPLESPACINGREF and
DFECTRL1.TSAMPLESPACING can be used to achieve oversampling.
6.14.13 IEEE 802.15.4 operation
With the MODE=Ieee802154_250kbit the RADIO will comply with the IEEE 802.15.4-2006 standard
implementing its 250 kbps, 2450 MHz, O-QPSK PHY.
The IEEE 802.15.4 standard differs from Nordic's proprietary and Bluetooth® low energy modes. Notable
differences include modulation scheme, channel structure, packet structure, security, and medium access
control.
The main features of the IEEE 802.15.4 mode are:
• Ultra-low power 250 kbps, 2450 MHz, IEEE 802.15.4-2006 compliant link
• Clear channel assessment
• Energy detection scan
• CRC generation
6.14.13.1 Packet structure
The IEEE 802.15.4 standard defines an on-the-air frame/packet that is different from what is used in BLE
mode.
The following figure provides an overview of the physical frame structure and its timing.
PHY protocol data unit (PPDU)
Preamble sequence
SFD
Length
PHY payload
5 octets synchronization header (SHR)
1 octet
(PHR)
Maximum 127 octets (PSDU)
160 µs
32 µs
<=4064 µs
MAC protocol data unit (MPDU)
Figure 77: IEEE 802.15.4 frame format (PPDU)
The standard uses the term octet for an 8-bit storage unit within the PPDU. For timing, the value symbol is
used, and it has a duration of 16 µs.
The total usable payload (PSDU) is 127 octets, but when CRC is in use, this is reduced to 125 octets of
usable payload.
The preamble sequence consists of four octets that are all zero, and are used for synchronizing the
RADIO's receiver. Following the preamble is the single octet start of frame delimiter (SFD), with a fixed
value of 0xA7. An alternate SFD can be programmed through the SFD register, providing an initial level of
frame filtering for those who choose non-standard compliance. It is a valuable feature when operating in
a congested or private network. The preamble sequence and the SFD are generated by the RADIO, and are
not programmed by the user into the frame buffer.
4454_140 v1.0
194



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com