Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 197 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 197 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 193Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 194Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 195Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 196Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 197Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 198Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 199Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 200Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 201Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 444 page
background image
Peripherals
For scaling between hardware value and dBm, see equation Conversion between hardware value and dBm
on page 198.
The mlme-scan.req primitive of the MAC layer uses the ED measurement to detect channels where there
might be wireless activity. To assist this primitive, a tailored mode of operation is available where the
ED measurement runs for a defined number of iterations keeping track of the maximum ED level. This is
enganged by writing the EDCNT register to a value different from 0, where it will run the specified number
of iterations and report the maximum energy measurement in the EDSAMPLE register. The scan is started
with EDSTART task and its end indicated with the EDEND event. This significantly reduces the interrupt
frequency and therefore power consumption. The following figure shows how the ED measurement will
operate depending on the EDCNT register.
128 µs
EDCNT = 0
EDSTART
EDEND
Scan 0
EDCNT = N-1
EDSTART
EDEND
Scan 1
Scan N-1
...
128*(N) µs
Figure 79: Energy detection measurement examples
The scan is stopped by writing the EDSTOP task. It will be followed by the EDSTOPPED event when the
module has terminated.
6.14.13.4 Clear channel assessment (CCA)
IEEE 802.15.4 implements a listen-before-talk channel access method to avoid collisions when
transmitting, known as carrier sense multiple access with collision avoidance (CSMA-CA). The key part of
this is measuring if the wireless medium is busy or not.
The following clear channel assesment modes are supported:
• CCA Mode 1 (energy above threshold): The medium is reported busy upon detecting any energy above
the ED threshold.
• CCA Mode 2 (carrier sense only): The medium is reported busy upon detection of a signal compliant
with the IEEE 802.15.4 standard with the same modulation and spreading characteristics.
• CCA Mode 3 (carrier sense with energy above threshold): The medium is reported busy using a logical
combination (AND/OR) between the results from CCA Mode 1 and CCA Mode 2.
The clear channel assessment should survey a period equal to 8 symbols or 128 µs.
The RADIO must be in receive mode and be able to receive correct packets when performing the CCA. The
shortcut between READY and START must be disabled if baseband processing is not to be performed while
the measurement is running.
4454_140 v1.0
197



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com