Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 199 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 199 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 195Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 196Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 197Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 198Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 199Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 200Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 201Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 202Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 203Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 444 page
background image
Peripherals
G(x) = x16 + x12 + x5 + 1
In receive mode the RADIO will trigger the CRC module when the first octet after the frame length (PHR)
is received. The CRC will then update on each consecutive octet received. When a complete frame
is received the CRCSTATUS register will be updated accordingly and the CRCOK or CRCERROR events
generated. When the CRC module is enabled it will not write the two last octets (CRC) to the frame Data
RAM. When transmitting, the CRC will be computed on the fly, starting with the first octet after PHR, and
inserted as the two last octets in the frame. The EasyDMA will fetch frame length minus 2 octets from
RAM and insert the CRC octets insitu.
Below is a code snippet for configuring the CRC module for correct operation when in IEEE 802.15.4 mode.
The CRCCNF is written to 16-bit CRC and the CRCPOLY is written to 0x11021. The start value used by IEEE
802.15.4 is zero and CRCINIT is configured to reflect this.
/* 16-bit CRC with ITU-T polynomial with 0 as start condition*/
NRF_RADIO->CRCCNF = ((RADIO_CRCCNF_SKIPADDR_Ieee802154 << RADIO_CRCCNF_SKIPADDR_Pos) |
(RADIO_CRCCNF_LEN_Two << RADIO_CRCCNF_LEN_Pos));
NRF_RADIO->CRCPOLY = 0x11021;
NRF_RADIO->CRCINIT = 0;
The ENDIANESS subregister must be set to little-endian since the FCS field is transmitted from left bit to
right.
6.14.13.6 Transmit sequence
The transmission is started by first putting the RADIO in receive mode and triggering the RXEN task.
An outline of the IEEE 802.15.4 transmission is illustrated in the figure below.
PAYLOAD
CRC
P
H
R
RXRU
RX
Clear channel
TXRU
TXIDLE
TX
TXIDLE
SHR
TXDISABLE
RXIDLE
Figure 81: IEEE 802.15.4 transmit sequence
The receiver will ramp up and enter the RXIDLE state where the READY event is generated. Upon receiving
the ready event, the CCA is started by triggering the CCASTART task. The chosen mode of assessment
(CCACTRL.CCAMODE register) will be performed and signal the CCAIDLE or CCABUSY event 128 µs later. If
the CCABUSY event is received, the RADIO will have to retry the CCA after a specific back-off period. This is
outlined in the IEEE 802.15.4 standard, Figure 69 in section 7.5.1.4 The CSMA-CA algorithm.
If the CCAIDLE event is generated, a write to the TXEN task register enters the RADIO in TXRU state.
The READY event will be generated when the RADIO is in TXIDLE state and ready to transmit. With the
PACKETPTR pointing to the length (PHR) field of the frame, the START task can be written. The RADIO will
send the four octet preamble sequence followed by the start of frame delimiter (SFD register). The first
byte read from the Data RAM is the length field (PHR) followed by the transmission of the number of
bytes indicated as the frame length. If the CRC module is configured it will run for PHR-2 octets. The last
two octets will be substituted with the results from running the CRC. The necessary CRC parameters are
sampled on the START task. The FCS field of the frame is little endian.
4454_140 v1.0
199



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com