Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 196 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 196 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 192Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 193Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 194Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 195Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 196Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 197Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 198Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 199Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 200Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 444 page
background image
Peripherals
To choose the correct channel center frequency, the FREQUENCY register must be programmed according
to the table below.
IEEE 802.15.4 channel
Center frequency (MHz)
FREQUENCY setting
Channel 11
2405
5
Channel 12
2410
10
Channel 13
2415
15
Channel 14
2420
20
Channel 15
2425
25
Channel 16
2430
30
Channel 17
2435
35
Channel 18
2440
40
Channel 19
2445
45
Channel 20
2450
50
Channel 21
2455
55
Channel 22
2460
60
Channel 23
2465
65
Channel 24
2470
70
Channel 25
2475
75
Channel 26
2480
80
Table 67: IEEE 802.15.4 center frequency definition
6.14.13.3 Energy detection (ED)
As required by the IEEE 802.15.4 standard, it must be possible to sample the received signal power within
the bandwidth of a channel, for the purpose of determining presence of activity.
To prevent the channel signal from being decoded, the shortcut between the READY event and the
START task should be disabled before putting the RADIO in receive mode. The energy detection (ED)
measurement time, where RSSI samples are averaged, is 8 symbol periods, corresponding to 128 µs. The
standard further specifies the measurement to be a number between 0 and 255, where 0 shall indicate
received power less than 10 dB above the selected receiver sensitivity. The power range of the ED values
must be at least a 40 dB linear mapping with accuracy of ±6 dB. See section 6.9.7 Receiver ED in the IEEE
802.15.4 standard for further details.
The following example shows how to perform a single energy detection measurement and convert to IEEE
802.15.4 scale.
IEEE 802.15.4 ED measurement example
#define ED_RSSISCALE 4 // From electrical specifications
uint8_t sample_ed(void)
{
int val;
NRF_RADIO->TASKS_EDSTART = 1; // Start
while (NRF_RADIO->EVENTS_EDEND != 1) {
// CPU can sleep here or do something else
// Use of interrupts are encouraged
}
val = NRF_RADIO->EDSAMPLE; // Read level
return (uint8_t)(val>63 ? 255 : val*ED_RSSISCALE); // Convert to IEEE
802.15.4 scale
}
4454_140 v1.0
196



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com