Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 191 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 191 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 187Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 188Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 189Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 190Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 191Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 192Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 193Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 194Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 195Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 444 page
background image
Peripherals
Length
PDU Type
...
4 bits
8 bits
6 bits
4 bits
S0
LENGTH
PAYLOAD
Extended
Header Length
AdvMode
...
CTEInfo
flag
2 bits
2
bits
1 bit
5
bits
...
Extended Header Flags
CTEInfo
8 bits
...
...
CRC
CTE
AdvA
TargetA
6 octets
6 octets
Figure 73: Advertising channel PDU header
The CTEINLINECONF.S0CONF and CTEINLINECONF.S0MASK fields can be configured to accept only certain
advertising PDU Types. If the extended header length is non-zero, the CTEInfo extended header flag is
checked to determine whether CTEInfo is present. If a bit before the CTEInfo flag within the extended
header flags is set, then the CTEInfo position is postponed 6 octets.
CTEInfo parsing
The CTEInfo field is shown in the following figure.
CTETime
RFU
CTEType
5 bits
1 bit
2 bits
Figure 74: CTEInfo field
The CTETIME field defines the length of the CTE in 8 µs units. The valid upper bound of values can
be adjusted using CTEINLINECONF.CTETIMEVALIDRANGE, including allowing use of the RFU bit
within this field. If the CTETIME field is an invalid value of either 0 or 1, the CTE is assumed to be
the minimum valid length of 16 µs. The slot duration is determined by the CTEType field. In RX this
determines whether the sample spacing as defined in CTEINLINECONF.CTEINLINERXMODE1US or
CTEINLINECONF.CTEINLINERXMODE2US is used.
CTEType
Description
TX switch spacing
RX sample spacing during
reference period
Sample spacing RX during
reference period
0
AoA, no switching
-
TSAMPLESPACING1
TSAMPLESPACING2
1
AoD, 1 µs slots
2 µs
TSAMPLESPACING1
CTEINLINERXMODE1US
2
AoD, 2 µs slots
4 µs
TSAMPLESPACING1
CTEINLINERXMODE2US
3
Reserved for future use
Table 62: Switching and sampling spacing based on CTEType
6.14.12.4 Manual configuration
If CTEINLINECONF.CTEINLINECTRLEN is not set, then the packet is not parsed to determine the CTE
parameters, and the antenna switching and sampling is controlled by other registers, see Antenna
switching on page 192. The length of the CTE is given in 8 µs units by DFECTRL1.NUMBEROF8US. The
start of the antenna switching and/or sampling (denoted as an AoA/AoD procedure), can be configured
to start at some trigger with an additional offset. Using DFECTRL1.DFEINEXTENSION, the trigger can be
configured to be the end of the CRC, or alternatively, the ADDRESS event. The additional offset for antenna
switching is configured using DFECTRL2.TSWITCHOFFSET. Similarly, the additional offset for antenna
sampling is configured using DFECTRL2.TSAMPLEOFFSET.
6.14.12.5 Receive- and transmit sequences
The addition of the CTE to the transmitted packet is illustrated in the following figure.
4454_140 v1.0
191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com