Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 232 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 232 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 228Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 229Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 230Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 231Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 232Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 233Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 234Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 235Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 236Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 444 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW EDLVL
[0..127]
IEEE 802.15.4 energy detect level
Register value must be converted to IEEE 802.15.4 range by
an 8-bit saturating multiplication by factor ED_RSSISCALE, as
shown in the code example for ED sampling
6.14.15.76 CCACTRL
Address offset: 0x66C
IEEE 802.15.4 clear channel assessment control
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
D D D D D D D D C C C C C C C C B B B B B B B B
A A A
Reset 0x052D0000
0 0 0 0 0 1 0 1 0 0 1 0 1 1 0 1 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW CCAMODE
CCA mode of operation
EdMode
0
Energy above threshold
Will report busy whenever energy is detected above
CCAEDTHRES
CarrierMode
1
Carrier seen
Will report busy whenever compliant IEEE 802.15.4 signal is
seen
CarrierAndEdMode
2
Energy above threshold AND carrier seen
CarrierOrEdMode
3
Energy above threshold OR carrier seen
EdModeTest1
4
Energy above threshold test mode that will abort when first
ED measurement over threshold is seen. No averaging.
B
RW CCAEDTHRES
CCA energy busy threshold. Used in all the CCA modes
except CarrierMode.
Must be converted from IEEE 802.15.4 range by dividing by
factor ED_RSSISCALE - similar to EDSAMPLE register
C
RW CCACORRTHRES
CCA correlator busy threshold. Only relevant to
CarrierMode, CarrierAndEdMode, and CarrierOrEdMode.
D
RW CCACORRCNT
Limit for occurances above CCACORRTHRES. When not
equal to zero the corrolator based signal detect is enabled.
6.14.15.77 DFEMODE
Address offset: 0x900
Whether to use Angle-of-Arrival (AOA) or Angle-of-Departure (AOD)
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW DFEOPMODE
Direction finding operation mode
Disabled
0
Direction finding mode disabled
AoD
2
Direction finding mode set to AoD
AoA
3
Direction finding mode set to AoA
4454_140 v1.0
232



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com