Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 235 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 235 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 231Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 232Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 233Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 234Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 235Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 236Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 237Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 238Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 239Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 444 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
I I I I
G G G F E E E
C C C B
A A A A A A
Reset 0x00023282
0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 0 0 1 1 0 0 1 0 1 0 0 0 0 0 1 0
ID
Access
Field
Value ID
Value
Description
250ns
5
0.25us
125ns
6
0.125us
I
RW AGCBACKOFFGAIN
Gain will be lowered by the specified number of gain steps
at the start of CTE
Note: First LNAGAIN gain drops, then MIXGAIN,
then AAFGAIN
6.14.15.80 DFECTRL2
Address offset: 0x914
Start offset for Direction finding
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
B B B B B B B B B B B B
A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW TSWITCHOFFSET
Signed value offset after the end of the CRC before starting
switching in number of 16M cycles
B
RW TSAMPLEOFFSET
Signed value offset before starting sampling in number of
16M cycles relative to the beginning of the REFERENCE state
- 12 us after switching start
6.14.15.81 SWITCHPATTERN
Address offset: 0x928
GPIO patterns to be used for each antenna
Maximum 8 GPIOs can be controlled. To secure correct signal levels on the pins, the pins must be
configured in the GPIO peripheral as described in Pin configuration.
If, during switching, the total number of antenna slots is bigger than the number of written patterns, the
RADIO loops back to the pattern used after the reference pattern.
A minimum number of 3 patterns must be written.
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW SWITCHPATTERN
Fill array of GPIO patterns for antenna control
The GPIO pattern array size is 40 entries.
When written, bit n corresponds to the GPIO configured in
PSEL.DFEGPIO[n].
When read, returns the number of GPIO patterns
written since the last time the array was cleared. Use
CLEARPATTERN to clear the array.
4454_140 v1.0
235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com