Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 233 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 233 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 229Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 230Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 231Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 232Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 233Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 234Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 235Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 236Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 237Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 444 page
background image
Peripherals
6.14.15.78 CTEINLINECONF
Address offset: 0x904
Configuration for CTE inline mode
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
I
I I I I I I I H H H H H H H H G G G F F F
E E
C B
A
Reset 0x00002800
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 1 0 1 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW CTEINLINECTRLEN
Enable parsing of CTEInfo from received packet in BLE
modes
Enabled
1
Parsing of CTEInfo is enabled
Disabled
0
Parsing of CTEInfo is disabled
B
RW CTEINFOINS1
CTEInfo is S1 byte or not
InS1
1
CTEInfo is in S1 byte (data PDU)
NotInS1
0
CTEInfo is NOT in S1 byte (advertising PDU)
C
RW CTEERRORHANDLING
Sampling/switching if CRC is not OK
Yes
1
Sampling and antenna switching also when CRC is not OK
No
0
No sampling and antenna switching when CRC is not OK
E
RW CTETIMEVALIDRANGE
Max range of CTETime
Note: Valid range is 2-20 in BLE core spec. If
larger than 20, it can be an indication of an error
in the received packet.
20
0
20 in 8us unit (default)
Set to 20 if parsed CTETime is larger han 20
31
1
31 in 8us unit
63
2
63 in 8us unit
F
RW CTEINLINERXMODE1US
Spacing between samples for the samples in the
SWITCHING period when CTEINLINEMODE is set
When the device is in AoD mode, this is used when the
received CTEType is "AoD 1 us". When in AoA mode, this is
used when TSWITCHSPACING is 2 us.
4us
1
4us
2us
2
2us
1us
3
1us
500ns
4
0.5us
250ns
5
0.25us
125ns
6
0.125us
G
RW CTEINLINERXMODE2US
Spacing between samples for the samples in the
SWITCHING period when CTEINLINEMODE is set
When the device is in AoD mode, this is used when the
received CTEType is "AoD 2 us". When in AoA mode, this is
used when TSWITCHSPACING is 4 us.
4us
1
4us
2us
2
2us
1us
3
1us
500ns
4
0.5us
250ns
5
0.25us
125ns
6
0.125us
4454_140 v1.0
233



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com