Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 241 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 241 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 237Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 238Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 239Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 240Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 241Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 242Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 243Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 244Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 245Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 444 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
C/I1M,co-channel
1Mbps mode, Co-Channel interference
9
dB
C/I1M,-1MHz
1 Mbps mode, Adjacent (-1 MHz) interference
-2
dB
C/I1M,+1MHz
1 Mbps mode, Adjacent (+1 MHz) interference
-10
dB
C/I1M,-2MHz
1 Mbps mode, Adjacent (-2 MHz) interference
-19
dB
C/I1M,+2MHz
1 Mbps mode, Adjacent (+2 MHz) interference
-42
dB
C/I1M,-3MHz
1 Mbps mode, Adjacent (-3 MHz) interference
-38
dB
C/I1M,+3MHz
1 Mbps mode, Adjacent (+3 MHz) interference
-48
dB
C/I1M,±6MHz
1 Mbps mode, Adjacent (≥6 MHz) interference
-50
dB
C/I1MBLE,co-channel
1 Mbps BLE mode, Co-Channel interference
6
dB
C/I1MBLE,-1MHz
1 Mbps BLE mode, Adjacent (-1 MHz) interference
-2
dB
C/I1MBLE,+1MHz
1 Mbps BLE mode, Adjacent (+1 MHz) interference
-9
dB
C/I1MBLE,-2MHz
1 Mbps BLE mode, Adjacent (-2 MHz) interference
-22
dB
C/I1MBLE,+2MHz
1 Mbps BLE mode, Adjacent (+2 MHz) interference
-46
dB
C/I1MBLE,>3MHz
1 Mbps BLE mode, Adjacent (≥3 MHz) interference
-50
dB
C/I1MBLE,image
Image frequency interference
-22
dB
C/I1MBLE,image,1MHz Adjacent (1 MHz) interference to in-band image frequency
-35
dB
C/I2M,co-channel
2 Mbps mode, Co-Channel interference
10
dB
C/I2M,-2MHz
2 Mbps mode, Adjacent (-2 MHz) interference
6
dB
C/I2M,+2MHz
2 Mbps mode, Adjacent (+2 MHz) interference
-14
dB
C/I2M,-4MHz
2 Mbps mode, Adjacent (-4 MHz) interference
-20
dB
C/I2M,+4MHz
2 Mbps mode, Adjacent (+4 MHz) interference
-44
dB
C/I2M,-6MHz
2 Mbps mode, Adjacent (-6 MHz) interference
-42
dB
C/I2M,+6MHz
2 Mbps mode, Adjacent (+6 MHz) interference
-47
dB
C/I2M,≥12MHz
2 Mbps mode, Adjacent (≥12 MHz) interference
-52
dB
C/I2MBLE,co-channel
2 Mbps BLE mode, Co-Channel interference
6
dB
C/I2MBLE,±2MHz
2 Mbps BLE mode, Adjacent (±2 MHz) interference
-2
dB
C/I2MBLE,±4MHz
2 Mbps BLE mode, Adjacent (±4 MHz) interference
-48
dB
C/I2MBLE,≥6MHz
2 Mbps BLE mode, Adjacent (≥6 MHz) interference
-50
dB
C/I2MBLE,image
Image frequency interference
-29
dB
C/I2MBLE,image, 2MHz Adjacent (2 MHz) interference to in-band image frequency
-44
dB
C/I125k BLE LR,co-
channel
125 kbps BLE LR mode, Co-Channel interference
4
dB
C/I125k BLE LR,-1MHz 125 kbps BLE LR mode, Adjacent (-1 MHz) interference
-9
dB
C/I125k BLE LR,+1MHz 125 kbps BLE LR mode, Adjacent (+1 MHz) interference
-16
dB
C/I125k BLE LR,-2MHz 125 kbps BLE LR mode, Adjacent (-2 MHz) interference
-30
dB
C/I125k BLE LR,+2MHz 125 kbps BLE LR mode, Adjacent (+2 MHz) interference
-50
dB
C/I125k BLE LR,>3MHz 125 kbps BLE LR mode, Adjacent (≥3 MHz) interference
-55
dB
C/I125k BLE LR,image
Image frequency interference
-30
dB
C/IIEEE 802.15.4,-5MHz IEEE 802.15.4 mode, Adjacent (-5 MHz) rejection
33
dB
C/IIEEE 802.15.4,+5MHz IEEE 802.15.4 mode, Adjacent (+5 MHz) rejection
38
dB
C/IIEEE 802.15.4,|
10MHz|
IEEE 802.15.4 mode, Alternate (10 MHz) rejection
48
dB
6.14.16.7 RX intermodulation
RX intermodulation19
19 Desired signal level at PIN = -64 dBm. Two interferers with equal input power are used. The interferer
closest in frequency is not modulated, the other interferer is modulated equal with the desired
signal. The input power of the interferers where the sensitivity equals BER = 0.1% is presented.
4454_140 v1.0
241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com