Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 242 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 242 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 238Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 239Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 240Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 241Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 242Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 243Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 244Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 245Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 246Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 444 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
PIMD,5TH,1M
IMD performance, 1 Mbps, 5th offset channel, packet length
≤ 37 bytes
-33
dBm
PIMD,5TH,1M,BLE
IMD performance, BLE 1 Mbps, 5th offset channel, packet
length ≤ 37 bytes
-30
dBm
PIMD,5TH,2M
IMD performance, 2 Mbps, 5th offset channel, packet length
≤ 37 bytes
-33
dBm
PIMD,5TH,2M,BLE
IMD performance, BLE 2 Mbps, 5th offset channel, packet
length ≤ 37 bytes
-31
dBm
6.14.16.8 Radio timing
Symbol
Description
Min.
Typ.
Max.
Units
tTXEN,BLE,1M
Time between TXEN task and READY event after channel
FREQUENCY configured (1 Mbps BLE and 150 µs TIFS)
140
140
µs
tTXEN,FAST,BLE,1M
Time between TXEN task and READY event after channel
FREQUENCY configured (1 Mbps BLE with fast ramp-up and
150 µs TIFS)
40
40
µs
tTXDIS,BLE,1M
When in TX, delay between DISABLE task and DISABLED
event for MODE = Nrf_1Mbit and MODE = Ble_1Mbit
6
6
µs
tRXEN,BLE,1M
Time between the RXEN task and READY event after channel
FREQUENCY configured (1 Mbps BLE)
140
140
µs
tRXEN,FAST,BLE,1M
Time between the RXEN task and READY event after channel
FREQUENCY configured (1 Mbps BLE with fast ramp-up)
40
40
µs
tRXDIS,BLE,1M
When in RX, delay between DISABLE task and DISABLED
event for MODE = Nrf_1Mbit and MODE = Ble_1Mbit
0
0
µs
tTXDIS,BLE,2M
When in TX, delay between DISABLE task and DISABLED
event for MODE = Nrf_2Mbit and MODE = Ble_2Mbit
4
4
µs
tRXDIS,BLE,2M
When in RX, delay between DISABLE task and DISABLED
event for MODE = Nrf_2Mbit and MODE = Ble_2Mbit
0
0
µs
tTXEN,IEEE 802.15.4
Time between TXEN task and READY event after channel
FREQUENCY configured (IEEE 802.15.4)
130
130
µs
tTXEN,FAST,IEEE 802.15.4 Time between TXEN task and READY event after channel
FREQUENCY configured (IEEE 802.15.4 with fast ramp-up)
40
40
µs
tTXDIS,IEEE 802.15.4
When in TX, delay between DISABLE task and DISABLED
event (IEEE 802.15.4)
21
21
µs
tRXEN,IEEE 802.15.4
Time between the RXEN task and READY event after channel
FREQUENCY configured (IEEE 802.15.4)
130
130
µs
tRXEN,FAST,IEEE 802.15.4 Time between the RXEN task and READY event after channel
FREQUENCY configured (IEEE 802.15.4 with fast ramp-up)
40
40
µs
tRXDIS,IEEE 802.15.4
When in RX, delay between DISABLE task and DISABLED
event (IEEE 802.15.4)
0.5
0.5
µs
tRX-to-TX turnaround
Maximum TX-to-RX or RX-to-TX turnaround time in IEEE
802.15.4 mode
40
µs
6.14.16.9 Received signal strength indicator (RSSI) specifications
Symbol
Description
Min.
Typ.
Max.
Units
RSSIACC
RSSI accuracy valid range -90 to -20 dBm
±2
dB
RSSIRESOLUTION
RSSI resolution
1
dB
RSSIPERIOD
RSSI sampling time from RSSI_START task
0.25
µs
RSSISETTLE
RSSI settling time after signal level change
15
µs
4454_140 v1.0
242



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com