Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 243 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 243 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 239Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 240Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 241Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 242Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 243Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 244Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 245Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 246Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 247Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 444 page
background image
Peripherals
6.14.16.10 Jitter
Symbol
Description
Min.
Typ.
Max.
Units
tDISABLEDJITTER
Jitter on DISABLED event relative to END event when
shortcut between END and DISABLE is enabled
0.25
µs
tREADYJITTER
Jitter on READY event relative to TXEN and RXEN task
0.25
µs
6.14.16.11 IEEE 802.15.4 energy detection constants
Symbol
Description
Min.
Typ.
Max.
Units
ED_RSSISCALE
Scaling value when converting between hardware-reported
value and dBm
4
4
4
ED_RSSIOFFS
Offset value when converting between hardware-reported
value and dBm
-92
-92
-92
6.15 RNG — Random number generator
The Random number generator (RNG) generates true non-deterministic random numbers based on
internal thermal noise that are suitable for cryptographic purposes. The RNG does not require a seed
value.
Random number
generator
START
STOP
VALRDY
VALUE
Figure 88: Random number generator
The RNG is started by triggering the START task and stopped by triggering the STOP task. When started,
new random numbers are generated continuously and written to the VALUE register when ready. A
VALRDY event is generated for every new random number that is written to the VALUE register. This means
that after a VALRDY event is generated the CPU has the time until the next VALRDY event to read out the
random number from the VALUE register before it is overwritten by a new random number.
6.15.1 Bias correction
A bias correction algorithm is employed on the internal bit stream to remove any bias toward '1' or '0'. The
bits are then queued into an eight-bit register for parallel readout from the VALUE register.
It is possible to enable bias correction in the CONFIG register. This will result in slower value generation,
but will ensure a statistically uniform distribution of the random values.
6.15.2 Speed
The time needed to generate one random byte of data is unpredictable, and may vary from one byte to
the next. This is especially true when bias correction is enabled.
4454_140 v1.0
243



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com