Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 281 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 281 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 277Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 278Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 279Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 280Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 281Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 282Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 283Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 284Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 285Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 444 page
background image
Peripherals
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW PTR
Data pointer
6.17.11.26 RESULT.MAXCNT
Address offset: 0x630
Maximum number of buffer words to transfer
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
RW MAXCNT
Maximum number of buffer words to transfer
6.17.11.27 RESULT.AMOUNT
Address offset: 0x634
Number of buffer words transferred since last START
Bit number
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0
ID
A A A A A A A A A A A A A A A
Reset 0x00000000
0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0
ID
Access
Field
Value ID
Value
Description
A
R
AMOUNT
Number of buffer words transferred since last START. This
register can be read after an END or STOPPED event.
6.17.12 Electrical specification
6.17.12.1 SAADC Electrical Specification
Symbol
Description
Min.
Typ.
Max.
Units
DNL10
Differential non-linearity, 10-bit resolution
-0.95
<1
LSB10b
INL10
Integral non-linearity, 10-bit resolution
1
LSB10b
VOS
Differential offset error (calibrated), 10-bit resolution a
+-2
LSB10b
DNL12
Differential non-linearity, 12-bit resolution
-0.95
1.3
LSB12b
INL12
Integral non-linearity, 12-bit resolution
4.7
LSB12b
CEG
Gain error temperature coefficient
0.02
%/◦C
fSAMPLE
Maximum sampling rate
200
kHz
tACQ,10k
Acquisition time (configurable), source Resistance <=
10kOhm
3
µs
tACQ,40k
Acquisition time (configurable), source Resistance <=
40kOhm
5
µs
tACQ,100k
Acquisition time (configurable), source Resistance <=
100kOhm
10
µs
tACQ,200k
Acquisition time (configurable), source Resistance <=
200kOhm
15
µs
a Digital output code at zero volt differential input.
4454_140 v1.0
281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com