Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 283 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 283 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 279Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 280Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 281Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 282Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 283Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 284Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 285Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 286Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 287Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 444 page
background image
Peripherals
RXD
READY
MISO
MOSI
PSEL.MISO
RXD-1
TXD
TXD+1
PSEL.SCK
PSEL.MOSI
Figure 111: SPI master
RXD-1 and TXD+1 illustrate the double buffered version of RXD and TXD respectively.
6.18.1 Functional description
The TXD and RXD registers are double-buffered to enable some degree of uninterrupted data flow in and
out of the SPI master.
The SPI master does not implement support for chip select directly. Therefore, the CPU must use available
GPIOs to select the correct slave and control this independently of the SPI master. The SPI master supports
SPI modes 0 through 3.
Mode
Clock polarity
Clock phase
CPOL
CPHA
SPI_MODE0
0 (Leading)
0 (Active high)
SPI_MODE1
0 (Leading)
1 (Active low)
SPI_MODE2
1 (Trailing)
0 (Active high)
SPI_MODE3
1 (Trailing)
1 (Active low)
Table 81: SPI modes
6.18.1.1 SPI master mode pin configuration
The different signals SCK, MOSI, and MISO associated with the SPI master are mapped to physical pins.
This mapping is according to the configuration specified in the PSEL.SCK, PSEL.MOSI, and PSEL.MISO
registers respectively. If the CONNECT field of a PSEL.xxx register is set to Disconnected, the associated SPI
master signal is not connected to any physical pin. The PSEL.SCK, PSEL.MOSI, and PSEL.MISO registers and
their configurations are only used as long as the SPI master is enabled, and retained only as long as the
device is in ON mode. PSEL.SCK, PSEL.MOSI, and PSEL.MISO must only be configured when the SPI master
is disabled.
To secure correct behavior in the SPI, the pins used by the SPI must be configured in the GPIO peripheral
as described in GPIO configuration on page 284 prior to enabling the SPI. The SCK must always be
connected to a pin, and that pin's input buffer must always be connected for the SPI to work. This
configuration must be retained in the GPIO for the selected IOs as long as the SPI is enabled.
4454_140 v1.0
283



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com