Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 282 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 282 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 278Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 279Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 280Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 281Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 282Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 283Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 284Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 285Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 286Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 282 / 444 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
tACQ,400k
Acquisition time (configurable), source Resistance <=
400kOhm
20
µs
tACQ,800k
Acquisition time (configurable), source Resistance <=
800kOhm
40
µs
tCONV
Conversion time
<2
µs
EG1/6
Errorb for Gain = 1/6
-3
3
%
EG1/4
Errorb for Gain = 1/4
-3
3
%
EG1/2
Errorb for Gain = 1/2
-3
4
%
EG1
Errorb for Gain = 1
-3
4
%
CSAMPLE
Sample and hold capacitance at maximum gain21
2.5
pF
RINPUT
Input resistance
>1
MΩ
ENOB
Effective number of bits, differential mode, 12-bit
resolution, 1/1 gain, 3 µs acquisition time, crystal HFCLK,
200 ksps
9
Bit
SNDR
Peak signal to noise and distortion ratio, differential mode,
12-bit resolution, 1/1 gain, 3 µs acquisition time, crystal
HFCLK, 200 ksps
56
dB
SFDR
Spurious free dynamic range, differential mode, 12-bit
resolution, 1/1 gain, 3 µs acquisition time, crystal HFCLK,
200 ksps
70
dBc
RLADDER
Ladder resistance
160
kΩ
6.17.13 Performance factors
Clock jitter, affecting sample timing accuracy, and circuit noise can affect ADC performance.
Jitter can be between START tasks or from START task to acquisition. START timer accuracy and startup
times of regulators and references will contribute to variability. Sources of circuit noise may include CPU
activity and the DC/DC regulator. Best ADC performance is achieved using START timing based on the
TIMER module, HFXO clock source, and Constant Latency mode.
6.18 SPI — Serial peripheral interface master
The SPI master provides a simple CPU interface which includes a TXD register for sending data and an RXD
register for receiving data. This section is added for legacy support for now.
b Does not include temperature drift
21 Maximum gain corresponds to highest capacitance.
4454_140 v1.0
282



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com