Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 290 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 290 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 286Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 287Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 288Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 289Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 290Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 291Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 292Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 293Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 294Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 444 page
background image
Peripherals
Symbol
Description
Min.
Typ.
Max.
Units
tSPI,RSCK,HD
SCK rise time, high drivea
tHRF,25pF
tSPI,FSCK,LD
SCK fall time, standard drivea
tRF,25pF
tSPI,FSCK,HD
SCK fall time, high drivea
tHRF,25pF
tSPI,WHSCK
SCK high timea
(tCSCK/2)
– tRSCK
tSPI,WLSCK
SCK low timea
(tCSCK/2)
– tFSCK
tSPI,SUMI
MISO to CLK edge setup time
19
ns
tSPI,HMI
CLK edge to MISO hold time
18
ns
tSPI,VMO
CLK edge to MOSI valid
59
ns
tSPI,HMO
MOSI hold time after CLK edge
20
ns
tHMO
MSb
LSb
MSb
LSb
MOSI (out)
MISO (in)
CPOL=0
CPHA=0
tSUMI
tHMI
tRSCK
tFSCK
tCSCK
tWHSCK
tWLSCK
tVMO
CPOL=1
CPHA=0
CPOL=0
CPHA=1
CPOL=1
CPHA=1
Figure 114: SPI master timing diagram
6.19 SPIM — Serial peripheral interface master with
EasyDMA
The SPI master can communicate with multiple slaves using individual chip select signals for each of the
slave devices attached to a bus.
Listed here are the main features for the SPIM
• SPI mode 0-3
• EasyDMA direct transfer to/from RAM for both SPI Slave and SPI Master
• Individual selection of IO pin for each SPI signal
4454_140 v1.0
290



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com