Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NRF52811-QCAA-R Datasheet(PDF) 293 Page - Nordic Semiconductor

Part # NRF52811-QCAA-R
Description  nRF52811
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORDIC [Nordic Semiconductor]
Direct Link  https://www.nordicsemi.com/
Logo NORDIC - Nordic Semiconductor

NRF52811-QCAA-R Datasheet(HTML) 293 Page - Nordic Semiconductor

Back Button NRF52811-QCAA-R Datasheet HTML 289Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 290Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 291Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 292Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 293Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 294Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 295Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 296Page - Nordic Semiconductor NRF52811-QCAA-R Datasheet HTML 297Page - Nordic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 444 page
background image
Peripherals
6.19.3 EasyDMA
The SPIM implements EasyDMA for accessing RAM without CPU involvement.
The SPIM peripheral implements the following EasyDMA channels:
Channel
Type
Register Cluster
TXD
READER
TXD
RXD
WRITER
RXD
Table 87: SPIM EasyDMA Channels
For detailed information regarding the use of EasyDMA, see EasyDMA on page 35.
The .PTR and .MAXCNT registers are double-buffered. They can be updated and prepared for the next
transmission immediately after having received the STARTED event.
The SPI master will automatically stop transmitting after TXD.MAXCNT bytes have been transmitted
and RXD.MAXCNT bytes have been received. If RXD.MAXCNT is larger than TXD.MAXCNT, the remaining
transmitted bytes will contain the value defined in the ORC register. If TXD.MAXCNT is larger than
RXD.MAXCNT, the superfluous received bytes will be discarded.
The ENDRX/ENDTX event indicate that EasyDMA has finished accessing respectively the RX/TX buffer in
RAM. The END event gets generated when both RX and TX are finished accessing the buffers in RAM.
In the case of bus congestion as described in , data loss may occur.
6.19.4 Low power
When putting the system in low power and the peripheral is not needed, lowest possible power
consumption is achieved by stopping, and then disabling the peripheral.
The STOP task may not be always needed (the peripheral might already be stopped), but if it is sent,
software shall wait until the STOPPED event was received as a response before disabling the peripheral
through the ENABLE register.
6.19.5 Registers
Base address
Peripheral
Instance
Description
Configuration
0x40003000
SPIM
SPIM1
SPI master 1
0x40004000
SPIM
SPIM0
SPI master 0
Table 88: Instances
Register
Offset
Description
TASKS_START
0x010
Start SPI transaction
TASKS_STOP
0x014
Stop SPI transaction
TASKS_SUSPEND
0x01C
Suspend SPI transaction
TASKS_RESUME
0x020
Resume SPI transaction
EVENTS_STOPPED
0x104
SPI transaction has stopped
EVENTS_ENDRX
0x110
End of RXD buffer reached
EVENTS_END
0x118
End of RXD buffer and TXD buffer reached
EVENTS_ENDTX
0x120
End of TXD buffer reached
EVENTS_STARTED
0x14C
Transaction started
SHORTS
0x200
Shortcuts between local events and tasks
4454_140 v1.0
293



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com